Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSCD36B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSCD36B
Description  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSCD36B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSCD36B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSCD36B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSCD36B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCD36B
Document Number: MSCD36B
www.
Aug.20, 2010
2
smsemi.com
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
Zth(j-C)
0 ID
30
A 60
60
W
30
Pvtot
0
0.001
0.01
0.1
1.0
10
S 100
1
10
cycles 100
1000
rec.30
rec.60
rec.120
sin.180
DC
A
500
0
0
Tc
50
100
℃ 150
50HZ
1.5
℃/ W
1.0
0.5
0
60
A
rec.60
rec.30
rec.120
sin.180
DC
30
ID
0
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
Fig3. Transient thermal impedance
0
VF
0.5
1.0
1.5
V 2.0
200
A
150
100
50
IF
0
max.
typ.
25℃
- - -125℃


Similar Part No. - MSCD36B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSCD36-08 ETC2-MSCD36-08 Datasheet
175Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD36-12 ETC2-MSCD36-12 Datasheet
175Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD36-16 ETC2-MSCD36-16 Datasheet
175Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSCD36-18 ETC2-MSCD36-18 Datasheet
175Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MSCD36B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com