Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6978 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 2N6978
Description  5A, 400V and 500V N-Channel IGBTs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N6978 Datasheet(HTML) 2 Page - Intersil Corporation

  2N6978 Datasheet HTML 1Page - Intersil Corporation 2N6978 Datasheet HTML 2Page - Intersil Corporation 2N6978 Datasheet HTML 3Page - Intersil Corporation 2N6978 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-2
Specifications 2N6975, 2N6976, 2N6977, 2N6978
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
2N6975/2N6977
2N6976/2N6978
MIN
MAX
MIN
MAX
Collector-Emitter
Breakdown Voltage
BVCES
lC = 1 mA, VGE = 0
400
(Note 1)
-
500
(Note 1)
-V
Gate Threshold Voltage
VGE(TH)
VGE = VCE, IC = 1mA
2
(Note 1)
4.5
(Note 1)
2
(Note 1)
4.5
(Note 1)
V
Zero Gate Voltage Collector
Current
lCES
VCE = 400V
-
250
(Note 1)
--
µA
VCE = 500V
-
-
-
250
(Note 1)
µA
TC = +125
oC
----
µA
VCE = 400V
-
1000
(Note 1)
--
µA
VCE = 500V
-
-
-
1000
(Note 1)
µA
Gate-Emitter Leakage Current
IGES
VGE = ±20V, VCE = 0V
-
100
(Note 1)
-
100
(Note 1)
ns
Reverse Collector-Emitter
Leakage Current
IECS
RGE = 0Ω, VEC = 5V
-
5
(Note 1)
-5
(Note 1)
mA
Collector-Emitter On Voltage
VCE(ON)
IC = 5A, VGE = 10V
-
2
(Note 1)
-2
(Note 1)
V
IC = 10A, VGE = 20V
-
2.5
-
2.5
V
Gate-Emitter Plateau Voltage
VGEP
IC = 5A, VCE = 10V
3.4
(Note 1)
6.8
(Note 1)
3.4
(Note 1)
6.8
(Note 1)
V
On-State Gate Charge
QG(ON)
IC = 5A, VCE = 10V
12
(Note 1)
25
(Note 1)
12
(Note 1)
25
(Note 1)
nC
Turn-On Delay Time
tD(ON)
IC = 5A
VCE(CLP) = 300V
L = 50
µH
TJ = +125
oC
VGE = 10V
RG = 50Ω
50 Max
ns
Rise Time
tR
50 Max
ns
Turn-Off Delay Time
tD(ON)
400 Max
(Note 1)
ns
Fall Time
tFI
2N6975
2N6976
1000 Max
(Note 1)
ns
2N6977
2N6978
500 Max
(Note 1)
ns
Turn-Off
Energy Loss per Cycle
(Off Switching Dissipation=
WOFF x Frequency)
WOFF
IC = 5A
VCE(CLP) = 300V
L = 50
µH
TJ = +125
oC
VGE = 10V
RG = 50Ω
2N6975
2N6976
1000 Max
(Note 1)
µJ
2N6977
2N6978
500 Max
(Note 1)
µJ
Thermal Resistance
Junction-to-Case
RθJC
1.25
(Note 1)
oC/W
NOTE:
1. JEDEC registered value.


Similar Part No. - 2N6978

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N697 MICROSEMI-2N697 Datasheet
63Kb / 3P
   NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
   SILICON
logo
Continental Device Indi...
2N697 CDIL-2N697 Datasheet
200Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
   Amplifiers & Switches
More results

Similar Description - 2N6978

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com