Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC5010W Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GBPC5010W
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBPC5010W Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GBPC5010W Datasheet HTML 1Page - List of Unclassifed Manufacturers GBPC5010W Datasheet HTML 2Page - List of Unclassifed Manufacturers GBPC5010W Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GBPC5002W thru GBPC5010W
Document Number: GBPC5002W thru GBPC5010W
www.smsemi.com
Aug.22,2014
3
Package Outline Information
CASE: GBPC-W
Dimensions in inches (mm)
0.310(7.87)
0.290(7.36)
0.220(5.59)
0.200(5.08) DIA.
0.042(1.07)
0.038(0.97)
DIA.
1.25
(31.8)
MIN.
1.135(28.8)
1.115(28.3)
0.732(18.6)
0.692(17.6)
0.24(6.0)
0.18(4.6)
0.732(18.6)
0.692(17.6)
1.135(28.8)
1.115(28.3)
0.24(6.0)
0.18(4.6)
0.470(11.9)
0.430(10.9)
0.50(12.7)
0.44(11.7)
~
~


Similar Part No. - GBPC5010W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC5010W WTE-GBPC5010W Datasheet
60Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC5010W GENESIC-GBPC5010W Datasheet
343Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
DIYI Electronic Technol...
GBPC5010W DYELEC-GBPC5010W Datasheet
2Mb / 2P
   High surge current capability
logo
Kingtronics Internation...
GBPC5010W KINGTRONICS-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
GBPC5010W SUNTAN-GBPC5010W Datasheet
260Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBPC5010W

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com