Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6977 Datasheet(PDF) 4 Page - Intersil Corporation

Part # 2N6977
Description  5A, 400V and 500V N-Channel IGBTs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N6977 Datasheet(HTML) 4 Page - Intersil Corporation

  2N6977 Datasheet HTML 1Page - Intersil Corporation 2N6977 Datasheet HTML 2Page - Intersil Corporation 2N6977 Datasheet HTML 3Page - Intersil Corporation 2N6977 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3-4
2N6975, 2N6976, 2N6977, 2N6978
FIGURE 7. TYPICAL INDUCTIVE SWITCHING WAVEFORMS
PD: ALLOWABLE DISSIPATION
PC: CONDUCTION DISSIPATION
FIGURE 8. MAXIMUM OPERATING FREQUENCY vs
COLLECTOR CURRENT (TYPICAL)
FIGURE 9. NORMALIZED SWITCHING WAVEFORMS AT CONSTANT GATE CURRENT
(REFER TO APPLICATION NOTES AN7254 AND AN7260)
FIGURE 10. INDUCTIVE SWITCHING TEST CIRCUIT
Typical Performance Curves (Continued)
VGE
VCE
WOFF = IC * VCEdt
IC
ICE, COLLECTOR CURRENT (A)
TC =
oC 100
fMAX2 = (PD - PC)/WOFF
2N6975
VGE = 10V
RG = 50Ω
RL = 300/ceΩ
L = 50
µH
VCC = 300V
TJ = +150
oC
fMAX1 = 0.05/tD(OFF)
140
120
100
80
60
40
20
12345678910
100
90
2N6976
2N6977
2N6978
TIME (
µs)
500
375
250
125
0
10
8
6
4
0
2
IG (REF)
IG (ACT)
20
IG (REF)
IG (ACT)
80
COLLECTOR-EMITTER VOLTAGE
VCC = BVCES
GATE
EMITTER
VOLTAGE
RL = 100Ω
IG (REF) = 0.43mA
VGE = 10V
VCC = BVCES
0.75 BVCES
0.50 BVCES
0.25 BVCES
0.75 BVCES
0.50 BVCES
0.25 BVCES
20V
0V
RGEN = 100Ω
1/RG = 1/RGEN + 1/RGE
RGE = 100Ω
L = 50
µH
VCC
300V
+
RL
-


Similar Part No. - 2N6977

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N697 MICROSEMI-2N697 Datasheet
63Kb / 3P
   NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
   SILICON
logo
Continental Device Indi...
2N697 CDIL-2N697 Datasheet
200Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
   Amplifiers & Switches
More results

Similar Description - 2N6977

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com