Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6796 Datasheet(PDF) 6 Page - Intersil Corporation

Part # 2N6796
Description  8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2N6796 Datasheet(HTML) 6 Page - Intersil Corporation

  2N6796 Datasheet HTML 1Page - Intersil Corporation 2N6796 Datasheet HTML 2Page - Intersil Corporation 2N6796 Datasheet HTML 3Page - Intersil Corporation 2N6796 Datasheet HTML 4Page - Intersil Corporation 2N6796 Datasheet HTML 5Page - Intersil Corporation 2N6796 Datasheet HTML 6Page - Intersil Corporation 2N6796 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
2N6796


Similar Part No. - 2N6796

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6796 SEME-LAB-2N6796 Datasheet
18Kb / 2P
   TMOS FET TRANSISTOR N - CHANNEL
logo
List of Unclassifed Man...
2N6796 ETC2-2N6796 Datasheet
47Kb / 5P
   100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
2N6796 MICROSEMI-2N6796 Datasheet
102Kb / 2P
   N-CHANNEL MOSFET
2N6796 MICROSEMI-2N6796 Datasheet
182Kb / 4P
   N-CHANNEL MOSFET
logo
Seme LAB
2N6796 SEME-LAB-2N6796 Datasheet
22Kb / 2P
   TMOS FET ENHANCEMENT N - CHANNEL
More results

Similar Description - 2N6796

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF130 INTERSIL-IRFF130 Datasheet
325Kb / 7P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
FRM130D INTERSIL-FRM130D Datasheet
47Kb / 6P
   14A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
RFP8P10 INTERSIL-RFP8P10 Datasheet
40Kb / 5P
   8A, 100V, 0.400 Ohm, P-Channel Power MOSFET
IRFP240 INTERSIL-IRFP240 Datasheet
56Kb / 7P
   20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com