Electronic Components Datasheet Search |
|
AD5744R Datasheet(PDF) 1 Page - Analog Devices |
|
AD5744R Datasheet(HTML) 1 Page - Analog Devices |
1 / 32 page Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC Data Sheet AD5744R Rev. E Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2008–2011 Analog Devices, Inc. All rights reserved. FEATURES Complete quad, 14-bit digital-to-analog converter (DAC) Programmable output range: ±10 V, ±10.2564 V, or ±10.5263 V ±1 LSB maximum INL error, ±1 LSB maximum DNL error Low noise: 60 nV/√Hz Settling time: 10 μs maximum Integrated reference buffers Internal reference: 10 ppm/°C maximum On-chip die temperature sensor Output control during power-up/brownout Programmable short-circuit protection Simultaneous updating via LDAC Asynchronous CLR to zero code Digital offset and gain adjust Logic output control pins DSP-/microcontroller-compatible serial interface Temperature range: −40°C to +85°C iCMOS process technology APPLICATIONS Industrial automation Open-loop/closed-loop servo control Process control Data acquisition systems Automatic test equipment Automotive test and measurement High accuracy instrumentation GENERAL DESCRIPTION The AD5744R is a quad, 14-bit, serial input, bipolar voltage output DAC that operates from supply voltages of ±11.4 V to ±16.5 V. Nominal full-scale output range is ±10 V. The AD5744R provides integrated output amplifiers, reference buffers, and proprietary power-up/power-down control circuitry. The part also features a digital I/O port, programmed via the serial interface, and an analog temperature sensor. The part incorporates digital offset and gain adjust registers per channel. The AD5744R is a high performance converter that provides guaranteed monotonicity, integral nonlinearity (INL) of ±1 LSB, low noise, and 10 μs settling time. The AD5744R includes an on- chip 5 V reference with a reference temperature coefficient of 10 ppm/°C maximum. During power-up when the supply voltages are changing, VOUTx is clamped to 0 V via a low impedance path. The AD5744R is based on the iCMOS® technology platform, which is designed for analog systems designers within industrial/instru- mentation equipment OEMs who need high performance ICs at higher voltage levels. iCMOS enables the development of analog ICs capable of 30 V and operation at ±15 V supplies, while allowing reductions in power consumption and package size, coupled with increased ac and dc performance. The AD5744R uses a serial interface that operates at clock rates of up to 30 MHz and is compatible with DSP and microcontroller interface standards. Double buffering allows the simultaneous updating of all DACs. The input coding is programmable to either twos complement or offset binary formats. The asynchronous clear function clears all DATA registers to either bipolar zero or zero scale, depending on the coding used. The AD5744R is ideal for both closed-loop servo control and open-loop control applications. The AD5744R is available in a 32-lead TQFP and offers guaranteed specifications over the −40°C to +85°C industrial temperature range (see Figure 1 for the functional block diagram). |
Similar Part No. - AD5744R_15 |
|
Similar Description - AD5744R_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |