Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5744R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5744R
Description  Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744R Datasheet(HTML) 4 Page - Analog Devices

  AD5744R_15 Datasheet HTML 1Page - Analog Devices AD5744R_15 Datasheet HTML 2Page - Analog Devices AD5744R_15 Datasheet HTML 3Page - Analog Devices AD5744R_15 Datasheet HTML 4Page - Analog Devices AD5744R_15 Datasheet HTML 5Page - Analog Devices AD5744R_15 Datasheet HTML 6Page - Analog Devices AD5744R_15 Datasheet HTML 7Page - Analog Devices AD5744R_15 Datasheet HTML 8Page - Analog Devices AD5744R_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5744R
Data Sheet
Rev. E | Page 4 of 32
SPECIFICATIONS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
ACCURACY
Outputs unloaded
Resolution
14
Bits
Relative Accuracy (INL)
−1
+1
LSB
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Bipolar Zero Error
−2
+2
mV
25°C; error at other temperatures obtained
using bipolar zero tempco
−3
+3
mV
Bipolar Zero Tempco2
−2
+2
ppm FSR/°C
Zero-Scale Error
−2
+2
mV
25°C; error at other temperatures
obtained using zero-scale tempco
−2.5
+2.5
mV
Zero-Scale Tempco2
−2
+2
ppm FSR/°C
Gain Error
−0.02
+0.02
% FSR
Gain Tempco2
−2
+2
ppm FSR/°C
DC Crosstalk2
0.125
LSB
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
5
V
±1% for specified performance
DC Input Impedance
1
Typically 100 MΩ
Input Current
−10
+10
μA
Typically ±30 nA
Reference Range
1
7
V
Reference Output
Output Voltage
4.995
5
5.005
V
25°C, AVDD/AVSS = ±13.5 V
Reference Tempco2
−10
±1.7
+10
ppm/°C
RLOAD2
1
Power Supply Sensitivity1
300
μV/V
Output Noise2
18
μV p-p
0.1 Hz to 10 Hz
Noise Spectral Density2
75
nV/√Hz
10 kHz
Output Voltage Drift vs. Time2
±40
ppm/500 hr
±50
ppm/1000 hr
Thermal Hysteresis1
70
ppm
First temperature cycle
30
ppm
Subsequent temperature cycles
OUTPUT CHARACTERISTICS2
Output Voltage Range3
−10.5263
+10.5263
V
AVDD/AVSS = ±11.4 V, VREFIN = 5 V
−14.7368
+14.7368
V
AVDD/AVSS = ±16.5 V, VREFIN = 7 V
Output Voltage Drift vs. Time
±13
ppm FSR/500 hr
±15
ppm FSR/1000 hr
Short-Circuit Current
10
mA
RISCC = 6 kΩ, see Figure 31
Load Current
−1
+1
mA
For specified performance
Capacitive Load Stability
RLOAD = ∞
200
pF
RLOAD = 10 kΩ
1000
pF
DC Output Impedance
0.3
Ω


Similar Part No. - AD5744R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5744RBSUZ AD-AD5744RBSUZ Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744RBSUZ-REEL7 AD-AD5744RBSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744RCSUZ AD-AD5744RCSUZ Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744RCSUZ AD-AD5744RCSUZ Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744RCSUZ-REEL7 AD-AD5744RCSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5744R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com