Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5725 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5725
Description  Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5725 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5725_15 Datasheet HTML 6Page - Analog Devices AD5725_15 Datasheet HTML 7Page - Analog Devices AD5725_15 Datasheet HTML 8Page - Analog Devices AD5725_15 Datasheet HTML 9Page - Analog Devices AD5725_15 Datasheet HTML 10Page - Analog Devices AD5725_15 Datasheet HTML 11Page - Analog Devices AD5725_15 Datasheet HTML 12Page - Analog Devices AD5725_15 Datasheet HTML 13Page - Analog Devices AD5725_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5725
Data Sheet
Rev. C | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
6
12
VREFP (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
7
8
9
10
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
TA = 25°C
Figure 7. DNL vs. VREFP (VSUPPLY = ±15 V)
0.05
–0.25
1.0
3.0
VREFP (V)
0
–0.05
–0.10
–0.15
–0.20
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
AVDD = 5V
AVSS = 0V
VREFN = 0V
TA = 25°C
Figure 8. DNL vs. VREFP (VSUPPLY = +5 V)
1.0
–1.0
6
12
VREFP (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
7
8
9
10
11
AVDD = +15V
AVSS = –15V
VREFN = –10V
TA = 25°C
Figure 9. INL vs. VREFP (VSUPPLY = ±15 V)
0.5
–0.4
1.0
3.0
VREFP (V)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
AVDD = 5V
AVSS = 0V
VREFN = 0V
TA = 25°C
Figure 10. INL vs. VREFP (VSUPPLY = +5 V)
0
–0.7
–40
80
TEMPERATURE (°C)
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–20
0
20
40
60
DAC D
DAC C
DAC A
DAC B
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 11. Full-Scale Error vs. Temperature
0.3
–0.3
–40
80
TEMPERATURE (°C)
0.2
0.1
0
–0.1
–0.2
–20
0
20
40
60
DAC A
DAC D
DAC B
DAC C
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
2kΩ LOAD
Figure 12. Zero-Scale Error vs. Temperature


Similar Part No. - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5725 AD-AD5725 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
More results

Similar Description - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com