Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR3150SB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR3150SB
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR3150SB Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR3150SB Datasheet HTML 1Page - Diodes Incorporated SBR3150SB Datasheet HTML 2Page - Diodes Incorporated SBR3150SB Datasheet HTML 3Page - Diodes Incorporated SBR3150SB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR3150SB
Document number: DS35402 Rev. 3 - 2
2 of 4
www.diodes.com
January 2012
© Diodes Incorporated
SBR3150SB
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
Average Rectified Output Current
@ TT =100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Ambient (Note 4)
RθJA
104
°C/W
Operating Temperature Range
TJ
150
Storage Temperature Range
TSTG
-65+150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
0.74
0.82
V
IF = 3.A, TJ = 25°C
-
0.61
0.67
IF = 3.A, TJ = 125°C
Leakage Current
IR
-
-
-
-
0.5
20
mA
VR = 150V, TJ = 25°C
VR = 150V, TJ = 125°C
Notes:
4. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com. TA = 25ºC
0
0.2
0.4
0.6
0.8
1.0
0.01
1
10
100
0.1
Fig. 1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 75°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
0.1
1
10
100
0.001
0.01
0
25
50
75
100
125
150
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 75°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A


Similar Part No. - SBR3150SB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR30 SEMTECH-SBR30 Datasheet
69Kb / 2P
   STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
Sanyo Semicon Device
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
logo
SeCoS Halbleitertechnol...
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
   VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
logo
Sangdest Microelectroni...
SBR30100CT SMC-SBR30100CT Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR3150SB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com