Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162245CTPFB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT162245CTPFB
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162245CTPFB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT162245CTPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162245CTPFB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5.3
2
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
1
DIR
1
B1
GND
1
B3
VCC
GND
2
B2
GND
VCC
GND
1
B2
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B3
2
B4
2
B5
2
B7
2
B8
2
B6
2
DIR
1
A1
1
A2
GND
1
A3
1
A4
VCC
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
VCC
2
A5
2
A7
2
A8
2
A6
GND
GND
GND
2
OE
1
OE
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
2545 drw 04
CERPACK
TOP VIEW
E48-1
FEATURES: (Cont'd.)
DESCRIPTION: (Cont'd.)
• Features for FCT166245T/AT/CT:
Light Drive A Port:
±8mA (commercial),
±6mA (military)
High Drive B Port:
+64mA, –32mA (commercial),
+48mA, –24mA (military)
Minimal system switching noise
Typical VOLP (Output Ground Bounce) < 0.25V at
VCC = 5V,TA = 25
°C (A Port Switching)
• Features for FCT162H245T/AT/CT/ET:
Bus Hold retains last active bus state during 3-state
Eliminates the need for external pull up resistors
load (<100pF). The buffers are designed to limit the output
current to levels which will avoid noise and ringing on the
signal lines without using external series terminating resis-
tors. These parts have a
±8mA driver on the "A" Port and a
+64/–32mA driver on the "B" Port, making them ideal for
interfacing noisy system busses to noise sensitive interfaces.
The FCT162H245T have "Bus Hold" which retains the
input's last state whenever the input goes to high impedance.
This prevents "floating" inputs and eliminates the need for
pull-up/down resistors.
PIN CONFIGURATIONS
1
DIR
1
B1
GND
1
B3
VCC
GND
2
B2
GND
VCC
GND
1
B2
1
B4
1
B5
1
B6
1
B7
1
B8
2
B1
2
B3
2
B4
2
B5
2
B7
2
B8
2
B6
2
DIR
1
A1
1
A2
GND
1
A3
1
A4
VCC
1
A5
1
A6
1
A7
1
A8
2
A1
2
A2
2
A3
2
A4
VCC
2
A5
2
A7
2
A8
2
A6
GND
GND
GND
2
OE
1
OE
2545 drw 03
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
SSOP/
TSSOP/TVSOP
TOP VIEW
SO48-1
SO48-2
SO48-3


Similar Part No. - IDT74FCT162245CTPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162240AT IDT-IDT74FCT162240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATE IDT-IDT74FCT162240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATEB IDT-IDT74FCT162240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATPA IDT-IDT74FCT162240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162240ATPAB IDT-IDT74FCT162240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT162245CTPFB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com