Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS119 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSS119
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS119 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSS119 Datasheet HTML 1Page - Infineon Technologies AG BSS119 Datasheet HTML 2Page - Infineon Technologies AG BSS119 Datasheet HTML 3Page - Infineon Technologies AG BSS119 Datasheet HTML 4Page - Infineon Technologies AG BSS119 Datasheet HTML 5Page - Infineon Technologies AG BSS119 Datasheet HTML 6Page - Infineon Technologies AG BSS119 Datasheet HTML 7Page - Infineon Technologies AG BSS119 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2006-12-01
Page 4
Rev. 1.3
BSS119
1 Power dissipation
Ptot = f (TA)
0
20
40
60
80
100
120
°C
160
TA
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
W
0.38
BSS119
2 Drain current
ID = f (TA)
parameter: VGS≥ 10 V
0
20
40
60
80
100
120
°C
160
TA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
A
0.18
BSS119
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TA = 25 °C
10
0
10
1
10
2
10
3
V
VDS
-3
10
-2
10
-1
10
0
10
1
10
A
BSS119
R D
S(
on
)
=
V D
S
/ I D
DC
10 ms
1 ms
tp = 240.0µs
4 Transient thermal impedance
ZthJA = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
K/W
BSS119
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BSS119

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS119 SIEMENS-BSS119 Datasheet
134Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
BSS119 INFINEON-BSS119 Datasheet
81Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-12-10
BSS119 INFINEON-BSS119 Datasheet
95Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.3 2006-12-01
BSS119N INFINEON-BSS119N Datasheet
661Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.1 2012-05-10
BSS119 INFINEON-BSS119_06 Datasheet
95Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.3 2006-12-01
More results

Similar Description - BSS119

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com