Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M87C196KD Datasheet(PDF) 2 Page - Intel Corporation

Part # M87C196KD
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M87C196KD Datasheet(HTML) 2 Page - Intel Corporation

  M87C196KD Datasheet HTML 1Page - Intel Corporation M87C196KD Datasheet HTML 2Page - Intel Corporation M87C196KD Datasheet HTML 3Page - Intel Corporation M87C196KD Datasheet HTML 4Page - Intel Corporation M87C196KD Datasheet HTML 5Page - Intel Corporation M87C196KD Datasheet HTML 6Page - Intel Corporation M87C196KD Datasheet HTML 7Page - Intel Corporation M87C196KD Datasheet HTML 8Page - Intel Corporation M87C196KD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M87C196KCM87C196KD
271116 – 1
Figure 1 M87C196KCKD Block Diagram
PACKAGING
PGA
CQFP
Signal
1
9
ACH7P07
2
8
ACH6P06
3
7
ACH2P02
4
6
ACH0P00
5
5
ACH1P01
6
4
ACH3P03
7
3
NMI
82
EA
91
VCC
10
68
VSS
11
67
XTAL1
12
66
XTAL2
13
65
CLKOUT
14
64
BUSWIDTH
15
63
INST
16
62
ALEADV
17
61
RD
18
60
AD0P30
19
59
AD1P31
20
58
AD2P32
21
57
AD3P33
22
56
AD4P34
23
55
AD5P35
PGA CQFP
Signal
24
54
AD6P36
25
53
AD7P37
26
52
AD8P40
27
51
AD9P41
28
50
AD10P42
29
49
AD11P43
30
48
AD12P44
31
47
AD13P45
32
46
AD14P46
33
45
AD15P47
34
44
T2CLKP23
35
43
READY
36
42
T2RSTP24AINC
37
41
BHE WRH
38
40
WR WRL
39
39
PWM0P25
40
38
T2CAPTUREP27PACT
41
37
VPP
42
36
VSS
43
35
HS03
44
34
HS02
45
33
T2UP-DNP26
46
32
P17HOLD
PGA
CQFP
Signal
47
31
P16HLDA
48
30
P15BREQ
49
29
HSO1
50
28
HSO0
51
27
HSO5HSI3
52
26
HSO4HSI2
53
25
HSI1
54
24
HSI0
55
23
P14PWM2
56
22
P13PWM1
57
21
P12
58
20
P11
59
19
P10
60
18
TXDP20
61
17
RXDP21
62
16
RESET
63
15
EXTINTP22
64
14
VSS
65
13
VREF
66
12
ANGND
67
11
ACH4P04
68
10
ACH5P05
Figure 2 Pin Definitions
2


Similar Part No. - M87C196KD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M87C MACOM-M87C Datasheet
462Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M87C MA-COM-M87C Datasheet
1Mb / 3P
   Triple-Balanced Mixer
M87C MA-COM-M87C Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
More results

Similar Description - M87C196KD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
   16-Bit CHMOS Microcontrollers
87C196JV INTEL-87C196JV Datasheet
311Kb / 38P
   Advanced 16-Bit CHMOS Microcontrollers
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KD INTEL-87C196KD Datasheet
255Kb / 21P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
logo
Microchip Technology
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
logo
Intel Corporation
87C54 INTEL-87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
8XC51FX INTEL-8XC51FX Datasheet
259Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com