Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU15N20DPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFU15N20DPBF
Description  High frequency DC-DC converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU15N20DPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFU15N20DPBF Datasheet HTML 3Page - International Rectifier IRFU15N20DPBF Datasheet HTML 4Page - International Rectifier IRFU15N20DPBF Datasheet HTML 5Page - International Rectifier IRFU15N20DPBF Datasheet HTML 6Page - International Rectifier IRFU15N20DPBF Datasheet HTML 7Page - International Rectifier IRFU15N20DPBF Datasheet HTML 8Page - International Rectifier IRFU15N20DPBF Datasheet HTML 9Page - International Rectifier IRFU15N20DPBF Datasheet HTML 10Page - International Rectifier IRFU15N20DPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFR/U15N20DPbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
AS SE MBLY
EXAMPLE:
WIT H ASS EMBLY
T HIS IS AN IRF U120
YE AR 9 = 1999
DAT E CODE
LINE A
WE EK 19
IN T HE AS SEMBLY LINE "A"
ASS EMBLE D ON WW 19, 1999
LOT CODE 5678
PART NUMB ER
56
IRF U120
INT ERNAT IONAL
LOGO
RE CT IF IER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
OR
56
78
ASSEMB LY
LOT CODE
RECT IF IER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = AS S EMB LY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Similar Part No. - IRFU15N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU15N20D IRF-IRFU15N20D Datasheet
239Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFU15N20D KERSEMI-IRFU15N20D Datasheet
3Mb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFU15N20D ISC-IRFU15N20D Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFU15N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com