Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M82380 Datasheet(PDF) 48 Page - Intel Corporation

Part # M82380
Description  HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M82380 Datasheet(HTML) 48 Page - Intel Corporation

Back Button M82380 Datasheet HTML 44Page - Intel Corporation M82380 Datasheet HTML 45Page - Intel Corporation M82380 Datasheet HTML 46Page - Intel Corporation M82380 Datasheet HTML 47Page - Intel Corporation M82380 Datasheet HTML 48Page - Intel Corporation M82380 Datasheet HTML 49Page - Intel Corporation M82380 Datasheet HTML 50Page - Intel Corporation M82380 Datasheet HTML 51Page - Intel Corporation M82380 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 134 page
background image
M82380
Channel Registers
(Read Current Write Base)
Channel
Register Name
Address
Byte
Bits
(Hex)
Pointer
Accessed
Channel 6
Target Address
C4
0
0 – 7
1
8–15
89
x
16–23
D4
0
24–31
Byte Count
C5
0
0 – 7
1
8–15
D5
0
16–23
Requester Address
9C
0
0-7
1
8–15
9D
0
16–23
1
24–31
Channel 7
Target Address
C6
0
0 – 7
1
8–15
8A
x
16–23
D6
0
24–31
Byte Count
C7
0
0 – 7
1
8–15
D7
0
16–23
Requester Address
9E
0
0-7
1
8–15
9F
0
16–23
1
24–31
Command Register I
(Write Only)
Port AddressChannels 0 – 30008H
Channels 4 – 700C8H
271070 – 36
Command Register II
(Write Only)
Port AddressesChannels 0 – 3-001AH
Channels 4 – 700DAH
271070 – 37
48


Similar Part No. - M82380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M82331G-11 ETC2-M82331G-11 Datasheet
174Kb / 2P
   Comcerto 100 Series Broadband Software Solution
logo
MOSDESIGN SEMICONDUCTOR...
M82371 MOSDESIGN-M82371 Datasheet
133Kb / 4P
   Indoor and outdoor thermometer and clock control IC
2012-04-09
More results

Similar Description - M82380

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com