Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M80C86-2 Datasheet(PDF) 6 Page - Intel Corporation

Part # M80C86-2
Description  16-BIT CHMOS MICROPROCESSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C86-2 Datasheet(HTML) 6 Page - Intel Corporation

Back Button M80C86-2 Datasheet HTML 2Page - Intel Corporation M80C86-2 Datasheet HTML 3Page - Intel Corporation M80C86-2 Datasheet HTML 4Page - Intel Corporation M80C86-2 Datasheet HTML 5Page - Intel Corporation M80C86-2 Datasheet HTML 6Page - Intel Corporation M80C86-2 Datasheet HTML 7Page - Intel Corporation M80C86-2 Datasheet HTML 8Page - Intel Corporation M80C86-2 Datasheet HTML 9Page - Intel Corporation M80C86-2 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M80C86M80C86-2
Table 1 Pin Description
(Continued)
Symbol
Pin No
Type
Name and Function
DEN
26
O
DATA ENABLE
provided as an output enable for the transceiver in
a minimum system which uses the transceiver DEN is active LOW
during each memory and IO access and for INTA cycles For a
read or INTA cycle it is active from the middle of T2 until the middle
of T4 while for a write cycle it is active from the beginning of T2
until the middle of T4 DEN floats to 3-state OFF(1) in local bus
‘‘hold acknowledge’’
HOLD
31 30
IO
HOLD
indicates that another master is requesting a local bus
HLDA
‘‘hold’’ To be acknowledged HOLD must be active HIGH The
processor receiving the ‘‘hold’’ request will issue HLDA (HIGH) as
an acknowledgement in the middle of a T1 clock cycle
Simultaneous with the issuance of HLDA the processor will float the
local bus and control lines After HOLD is detected as being LOW
the processor will LOWer the HLDA and when the processor
needs to run another cycle it will again drive the local bus and
control lines
The same rules as for RQ GT apply regarding when the local bus
will be released
HOLD is not an asynchronous input External synchronization
should be provided if the system cannot otherwise guarantee the
setup time
NOTE
1 See the section on Bus Hold Circuitry
FUNCTIONAL DESCRIPTION
STATIC OPERATION
All M80C86 circuitry is of static design Internal reg-
isters counters and latches are static and require no
refresh as with dynamic circuit design This elimi-
nates the minimum operating frequency restriction
placed on other microprocessors
The CMOS
M80C86 can operate from DC to the appropriate up-
per frequency limit The processor clock may be
stopped in either state (highlow) and held there in-
definitely This type of operation is especially useful
for system debug or power critical applications
The M80C86 can be single stepped using only the
CPU clock This state can be maintained as long as
is necessary Single step clock operation allows sim-
ple interface circuitry to provide critical information
for bringing up your system
Static design also allows very low frequency opera-
tion In a power critical situation this can provide
extremely low power operation since M80C86 power
dissipation is directly related to operating frequency
As the system frequency is reduced so is the oper-
ating power until ultimately at a DC input frequency
the M80C86 power requirement is the standby cur-
rent
6


Similar Part No. - M80C86-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
M80C85 OKI-M80C85 Datasheet
210Kb / 29P
   8-Bit CMOS MICROPROCESSOR
More results

Similar Description - M80C86-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
   CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
   16-Bit CHMOS Microcontrollers
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
   CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
   CHMOS 16-BIT MICROCONTROLLER
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
   CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com