Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT825CTPYB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT825CTPYB
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT825CTPYB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT825CTPYB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT825CTPYB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDT54/74FCT821AT/BT/CT, 823/825AT/BT/CT/DT
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.21
3
FUNCTION TABLE
(1)
PIN DESCRIPTION
2567 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
NOTE:
1. This parameter is measured at characterization but not tested.
2567 lnk 03
2567 lnk 04
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
Inputs
Internal/
Outputs
OE
OE
CLR
CLR
EN
EN
DI
CP
QI
YI
Function
H
H
H
H
L
L
L
H
L
H
Z
Z
High Z
H
L
L
L
X
X
X
X
X
X
L
L
Z
L
Clear
H
L
H
H
H
H
X
X
X
X
NC
NC
Z
NC
Hold
H
H
L
L
H
H
H
H
L
L
L
L
L
H
L
H
L
H
L
H
Z
Z
L
H
Load
Names
I/O
Description
DI
I
The D flip-flop data inputs.
CLR
I
When the clear input is LOW and
OE is
LOW, the QI outputs are LOW. When
the clear input is HIGH, data can be
entered into the register.
CP
I
Clock Pulse for the Register; enters
data into the register on the LOW-to-
HIGH transition.
YI
O
The register 3-state outputs.
EN
I
Clock Enable. When the clock enable is
LOW, data on the D I input is transferred
to the QI output on the LOW-to-HIGH
clock transition. When the clock enable
is HIGH, the QI outputs do not change
state, regardless of the data or clock
input transitions.
OE
I
Output Control. When the
OE input is
HIGH, the Y I outputs are in the high-
impedance state. When the
OE input is
LOW, the TRUE register data is present
at the YI outputs.
NOTE:
2567 tbl 02
1. H = HIGH
L = LOW
X = Don’t Care
NC = No Change
↑ = LOW-to-HIGH Transition
Z = High Impedance


Similar Part No. - IDT74FCT825CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT825C IDT-IDT74FCT825C Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CD IDT-IDT74FCT825CD Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CDB IDT-IDT74FCT825CDB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CE IDT-IDT74FCT825CE Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CEB IDT-IDT74FCT825CEB Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT825CTPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com