Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSTC25-08 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSTC25-08
Description  Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSTC25-08 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSTC25-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSTC25-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSTC25-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSTC25-08 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSTC25
Document Number: MSTC25
www.smsemi.com
Sep.06,2013
3
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ITAV
10
20
30
A
40
75
W
50
25
PTAV
0
rec.30
rec.60
rec.120
sin.180
DC
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
0.001 t 0.01
0.1
1
10
S 100
1.2
/ W
0.8
0.4
0
Zth(j-C)
Zth(j-S)
10
100
ms 1000
50HZ
1000
A
500
0
0 VTM
0.5
1.0
1.5
2.0
V 2.5
100
A
75
50
25
IT
0
max.
Typ.
25
125
DC
sin.180
rec.120
rec.60
rec.30
ITAVM
50
A
40
30
20
10
0
0 Tc
50
100
130
150 ℃


Similar Part No. - MSTC25-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSTC110 ETC2-MSTC110 Datasheet
399Kb / 4P
   Thyristor/Diode Modules
MSTC110-08 ETC2-MSTC110-08 Datasheet
399Kb / 4P
   Thyristor/Diode Modules
MSTC110-12 ETC2-MSTC110-12 Datasheet
399Kb / 4P
   Thyristor/Diode Modules
MSTC110-16 ETC2-MSTC110-16 Datasheet
399Kb / 4P
   Thyristor/Diode Modules
MSTC40 ETC2-MSTC40 Datasheet
409Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - MSTC25-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com