Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLCE105M006HTA Datasheet(PDF) 4 Page - AVX Corporation

Part # TLCE105M006HTA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCE105M006HTA Datasheet(HTML) 4 Page - AVX Corporation

  TLCE105M006HTA Datasheet HTML 1Page - AVX Corporation TLCE105M006HTA Datasheet HTML 2Page - AVX Corporation TLCE105M006HTA Datasheet HTML 3Page - AVX Corporation TLCE105M006HTA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JANUARY 2015
59
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
(μA)
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
@ 100kHz
16 Volt @ 40°C
TLCK474M016#TA
K
0.47
16
40
3.2
125
0.5
15
3
32
28
13
TLCK105M016#TA
K
1
16
40
3.2
125
0.8
15
3
32
28
13
TLCL335M016#TA
L
3.3
16
40
3.2
125
0.5
7.5
3
58
52
23
TLCV106M016#TA
V
10
16
40
3.2
125
1.6
2
3
132
119
53
20 Volt @ 40°C
TLCH225M020#TA
H
2.2
20
40
4
125
0.5
7.5
3
89
80
36
TLCR106M020#TA
R
10
20
40
4
125
0.6
5
3
95
85
38
25 Volt @ 40°C
TLCL105M025#TA
L
1.0
25
40
5
125
0.5
7.5
3
58
85
23
TLCR225M025#TA
R
2.2
25
40
5
125
0.6
5
3
95
85
38
35 Volt @ 40°C
TLCR105M035#TA
R
1.0
35
40
7
125
0.5
5
3
95
85
38
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
DCL allowed to move up to 2.00 times the limit post mounting.
For typical weight and composition see page 214.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
QUALIFICATION TABLE
TEST
TLC series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
Endurance
DCL
1.25 x initial limit
ΔC/C
within ±30% of initial value
DF
1.5 x initial limit
Visual examination
no visible damage
Humidity
DCL
2 x initial limit
ΔC/C
±30% of initial value
DF
1.25 x initial limit
+20ºC -55ºC +20ºC +40ºC +60ºC +85ºC +125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
1.25 x IL* 1.25 x IL* 1.25 x IL* 1.25 x IL*
IL*
Stability
ΔC/C
n/a
+0/-25%
±5%
+10/-0% +10/-0% +20/-0% +25/-0% +20/-10%
DF
IL*
n/a
1.25 x IL* 1.25 x IL* 1.25 x IL* 1.25 x IL* 1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
Surge
DCL
2 x initial limit
Voltage
ΔC/C
within ±30% of initial value
DF
1.25 x initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 40±2ºC and then leaving 1-2 hours at
room temperature. Also determine of 85ºC tempera-
ture, category voltage for 2000 +48/-0 hours and
then leaving 1-2 hours at room temperature. Power
supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage
at 40±2ºC and 90-95% relative humidity for 56
days and then recovery 1-2 hours at room
temperature.
Test temperature: 40ºC+3/0ºC
Test voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step Temperature°C Duration (min) Voltage Applied
1
+20±2
15
N/A
2
-55+0/-3
15
N/A
3
+20±2
15
N/A
4
+40+2/-0
15
VR
5
+60+2/-0
15
0.66 x VR
6
+85+3/-0
15
0.50 x VR
7
+125+3/-0
15
0.20 x VR
8
+20±2
15
N/A
*Initial Limit


Similar Part No. - TLCE105M006HTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI1-TLC04/MF4A-50 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CD TI-TLC04CD Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLCE105M006HTA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com