Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH610A-2X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH610A-2X006
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-2X006 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SFH610A-2X006 Datasheet HTML 2Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 3Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 4Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 5Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 6Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 7Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 8Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 9Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666
612
Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Fig. 5 - Diode Forward Voltage vs. Forward Current
Fig. 6 - Transistor Capacitance (Typ.) vs. Collector Emitter Voltage
Fig. 7 - Permissible Pulse Handling Capability Forward Current vs.
Pulse Width
Fig. 8 - Permissible Power Dissipation vs. Temperature
Fig. 9 - Permissible Diode Forward Current vs.
Ambient Temperature
1.2
V
1.1
1.0
0.9
10-1
101
102
5 mA
55
100
VF
IF
isfh610a_05
VF = f (IF)
25 °C
50 °C
75 °C
0
5
10
15
20
pF
10-2
10-1
100
101
102
V
C
Ve
isfh610a_06
f = 1.0 MHz
CCE
mA
5
5
101
5
102
103
104
10-5
10-4
10-3
10-2
10-1
100
101
s
IF
tp
isfh610a_07
tp
I
F
T
T
D =
tp
D = 0
0.005
0.01
0.02
Pulse cycle
D = parameter
tp
I
F
0.05
0.1
0.2
0.5
DC
mA
0
30
60
90
120
0
50
100
75
25
°C
IF
TA
isfh610a_08
Ptot = f (TA)
mW
0
50
100
150
200
0
50
100
75
25
°C
Ptot
TA
isfh610a_09
Transistor
Diode


Similar Part No. - SFH610A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
178Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH610A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com