Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH610A-1X018T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH610A-1X018T
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-1X018T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH610A-1X018T Datasheet HTML 1Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 2Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 3Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 4Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 5Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 6Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 7Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 8Page - Vishay Siliconix SFH610A-1X018T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666
608
Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
DC forward current
IF
60
mA
Surge forward current
t
≤ 10 µs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCE
70
V
Emitter collector voltage
VEC
7V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
between emitter and detector
VISO
5300
VRMS
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Insulation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per DIN
IEC112/VDE 0303 part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max. 10 s, dip soldering distance
to seating plane
≥ 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1 MHz
CO
13
pF
Thermal resistance
Rthja
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5.2
pF
Thermal resistance
Rthja
500
K/W
Collector emitter leakage current
VCE = 10 V
SFH610A-1
ICEO
250
nA
SFH6106-1
ICEO
250
nA
SFH610A-2
ICEO
250
nA
SFH6106-2
ICEO
250
nA
SFH610A-3
ICEO
5
100
nA
SFH6106-3
ICEO
5
100
nA
SFH610A-4
ICEO
5
100
nA
SFH6106-4
ICEO
5
100
nA
SFH610A-5
ICEO
5
100
nA
SFH6106-5T
ICEO
5
100
nA


Similar Part No. - SFH610A-1X018T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-1X018T VISHAY-SFH610A-1X018T Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-1X018T VISHAY-SFH610A-1X018T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH610A-1X018T VISHAY-SFH610A-1X018T Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH610A-1X018T VISHAY-SFH610A-1X018T Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
SFH610A-1X018T VISHAY-SFH610A-1X018T Datasheet
178Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH610A-1X018T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com