Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GBPC25
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBPC25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GBPC25 Datasheet HTML 1Page - List of Unclassifed Manufacturers GBPC25 Datasheet HTML 2Page - List of Unclassifed Manufacturers GBPC25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GBPC2502 thru GBPC2510
Document Number: GBPC2502 thru GBPC2510
www.smsemi.com
Aug.22,2014
3
Package Outline Information
CASE: GBPC
Dimensions in inches (mm)
0.310(7.87)
0.290(7.36)
0.840(21.3)
0.740(18.8)
0.25
(6.35)
0.034(0.86)
0.030(0.76)
0.094(2.4)
DIA.
~
0.673(17.1)
0.633(16.1)
0.582(14.8)
0.542(13.8)
0.732(18.6)
0.692(17.6)
0.673(17.1)
0.633(16.1)
1.135(28.8)
1.115(28.3)
DIA.
0.220(5.59)
0.200(5.08)
~
1.135(28.8)
1.115(28.3)


Similar Part No. - GBPC25

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC25 SURGE-GBPC25 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
GBPC25 DIOTECH-GBPC25 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBPC25 ZOWIE-GBPC25 Datasheet
884Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBPC25 FAIRCHILD-GBPC25 Datasheet
41Kb / 3P
   12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC25 YANGJIE-GBPC25 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBPC25

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com