Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6106-4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6106-4
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6106-4 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6106-4 Datasheet HTML 1Page - Vishay Siliconix SFH6106-4 Datasheet HTML 2Page - Vishay Siliconix SFH6106-4 Datasheet HTML 3Page - Vishay Siliconix SFH6106-4 Datasheet HTML 4Page - Vishay Siliconix SFH6106-4 Datasheet HTML 5Page - Vishay Siliconix SFH6106-4 Datasheet HTML 6Page - Vishay Siliconix SFH6106-4 Datasheet HTML 7Page - Vishay Siliconix SFH6106-4 Datasheet HTML 8Page - Vishay Siliconix SFH6106-4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 83666
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.0, 10-Dec-08
611
SFH610A, SFH6106
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Vishay Semiconductors
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Linear Operation (without Saturation)
Fig. 2 - Current Transfer Ratio (CTR) vs. Temperature
Fig. 3 - Switching Operation (with Saturation)
Fig. 4 - Output Characteristics (Typ.) Collector Current vs.
Collector Emitter Voltage
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
10000
V
VIORM
890
V
PSO
400
mW
ISI
275
mA
TSI
175
°C
Creepage distance
standard DIP-4
7
mm
Clearance distance
standard DIP-4
7
mm
Creepage distance
400 mil DIP-4
8
mm
Clearance distance
400 mil DIP-4
8
mm
Insulation thickness,
reinforced rated
per IEC 60950 2.10.5.1
0.4
mm
isfh610a_01
R = 75
Ω
L
V
CC =5 V
I
C
47
Ω
I
F
%
103
5
102
101
- 25
75
25
050
5
TA (°C)
isfh610a_03
IF = 10 mA, VCC = 5.0 V
1
2
3
4
IC
IF
isfh610a_02
1. 0 k
Ω
V
CC =5 V
47
Ω
I
F
mA
30
10
20
0
015
10
5V
Ic
VCE
isfh610a_04
I
F = 14 mA
I
F = 12 mA
I
F = 10 mA
I
F = 6 mA
I
F = 8 mA
I
F = 4 mA
I
F = 2 mA
I
F = 1 mA


Similar Part No. - SFH6106-4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6106-4 INFINEON-SFH6106-4 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6106-4 VISHAY-SFH6106-4 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH6106-4 VISHAY-SFH6106-4 Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6106-4 VISHAY-SFH6106-4 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH6106-4T VISHAY-SFH6106-4T Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
More results

Similar Description - SFH6106-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com