Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLRG4420CU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLRG4420CU
Description  Resistor LED for 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRG4420CU Datasheet(HTML) 2 Page - Vishay Siliconix

  TLRG4420CU Datasheet HTML 1Page - Vishay Siliconix TLRG4420CU Datasheet HTML 2Page - Vishay Siliconix TLRG4420CU Datasheet HTML 3Page - Vishay Siliconix TLRG4420CU Datasheet HTML 4Page - Vishay Siliconix TLRG4420CU Datasheet HTML 5Page - Vishay Siliconix TLRG4420CU Datasheet HTML 6Page - Vishay Siliconix TLRG4420CU Datasheet HTML 7Page - Vishay Siliconix TLRG4420CU Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLRG4420CU, TLRH4420CU, TLRO4420CU, TLRY4420CU
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 24-Apr-13
2
Document Number: 83045
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
Note
(1) In one packing unit IVmin./IVmax.  0.5.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRH4420CU, RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
612
-
625
nm
Peak wavelength
VS = 12 V
p
-
635
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
670
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRO4420CU, SOFT ORANGE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
410
-
mcd
Dominant wavelength
VS = 12 V
d
598
-
611
nm
Peak wavelength
VS = 12 V
p
-
605
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
670
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRY4420CU, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
581
-
594
nm
Peak wavelength
VS = 12 V
p
-
585
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
670
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRG4420CU, GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
1.6
10
-
mcd
Dominant wavelength
VS = 12 V
d
562
-
575
nm
Peak wavelength
VS = 12 V
p
-
565
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
670
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50
-
pF


Similar Part No. - TLRG4420CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRG4420 VISHAY-TLRG4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
More results

Similar Description - TLRG4420CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRH4420 VISHAY-TLRH4420 Datasheet
107Kb / 9P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
   Resistor LED for 12 V Supply Voltage
02-Oct-12
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. A1, 04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
   Resistor LED for 12 V Supply Voltage
Rev. 1.2, 21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
   Resistor LED for 5 V Supply Voltage
Rev. A1, 04-Feb-99
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
   With current limiting resistor for 12 V
Rev. 2.1, 24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
   With current limiting resistor for 12 V
Rev. 1.7, 24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com