Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH610A-5 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH610A-5
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-5 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SFH610A-5 Datasheet HTML 2Page - Vishay Siliconix SFH610A-5 Datasheet HTML 3Page - Vishay Siliconix SFH610A-5 Datasheet HTML 4Page - Vishay Siliconix SFH610A-5 Datasheet HTML 5Page - Vishay Siliconix SFH610A-5 Datasheet HTML 6Page - Vishay Siliconix SFH610A-5 Datasheet HTML 7Page - Vishay Siliconix SFH610A-5 Datasheet HTML 8Page - Vishay Siliconix SFH610A-5 Datasheet HTML 9Page - Vishay Siliconix SFH610A-5 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 83666
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.0, 10-Dec-08
613
SFH610A, SFH6106
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
0.029 (0.74)
0.095 (2.41)
0.048 (1.22)
0.012 (0.30)
0.110 (2.79)
Pin 1 identification
0.296 (7.52)
i178027-1
0.255 (6.48)
0.268 (6.81)
0.179 (4.55)
0.190 (4.83)
0.030 (0.76)
0.045 (1.14)
typ .
0.105 (2.67)
0.130 (3.30)
0.150 (3.81)
0.020 (0.51)
0.035 (0.89)
10 °
3° to 9°
0.052 (1.32)
0.008 (0.20)
0.033 (0.84)
0.130 (3.30)
0.250 (6.35)
0.230 (5.84)
ISOMethod A
0.312 (7.92)
i17802 9-2
0.255 (6.48)
0.268 (6.81)
0.179 (4.55)
0.190 (4.83)
0.030 (0.76)
0.045 (1.14)
4° typ.
0.052 (1.32)
10 °
Lead coplanarity
0.004 (0.102) max. (’K’)
SMD
ISO method A
0.100 (2.54)
R 0.010 (0.25)
0.070 (1.78)
0.030 (0.76)
0.315 (8.00) mi n.
0.060 (1.52)
0.435 (11.05)
0.048 (1.22)
0.105 (2.67)
0.095 (2.41)
0.033 (0.84)
0.029 (0.74)
0.150 (3.81)
0.130 (3.30)
0.0098 (0.249)
0.004 (0.102)
0.012 (0.30)
0.008 (0.20)
0.296 (7.52)
0.395 (10.03)
0.375 (9.52)
PIN 1 IDENTIFICATION
0.312 (7.92)


Similar Part No. - SFH610A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-5 VISHAY-SFH610A-5 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-5 VISHAY-SFH610A-5 Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH610A-5 VISHAY-SFH610A-5 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH610A-5 VISHAY-SFH610A-5 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
SFH610A-5 VISHAY-SFH610A-5 Datasheet
178Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH610A-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com