Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5435BDC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI5435BDC
Description  P-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5435BDC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI5435BDC Datasheet HTML 2Page - Vishay Siliconix SI5435BDC Datasheet HTML 3Page - Vishay Siliconix SI5435BDC Datasheet HTML 4Page - Vishay Siliconix SI5435BDC Datasheet HTML 5Page - Vishay Siliconix SI5435BDC Datasheet HTML 6Page - Vishay Siliconix SI5435BDC Datasheet HTML 7Page - Vishay Siliconix SI5435BDC Datasheet HTML 8Page - Vishay Siliconix SI5435BDC Datasheet HTML 9Page - Vishay Siliconix SI5435BDC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package Information
Vishay Siliconix
Document Number: 71151
15-Jan-04
www.vishay.com
1
1206-8 ChipFETR
c
E
E1
e
D
A
65
7
8
34
2
1
4
L
567
8
432
1
4
S
b
2X 0.10/0.13 R
Backside View
x
NOTES:
1.
All dimensions are in millimeaters.
2.
Mold gate burrs shall not exceed 0.13 mm per side.
3.
Leadframe to molded body offset is horizontal and vertical shall not exceed
0.08 mm.
4.
Dimensions exclusive of mold gate burrs.
5.
No mold flash allowed on the top and bottom lead surface.
DETAIL X
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
1.00
1.10
0.039
0.043
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.1
0.15
0.20
0.004
0.006
0.008
c1
0
0.038
0
0.0015
D
2.95
3.05
3.10
0.116
0.120
0.122
E
1.825
1.90
1.975
0.072
0.075
0.078
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.65 BSC
0.0256 BSC
L
0.28
0.42
0.011
0.017
S
0.55 BSC
0.022 BSC
5_Nom
5_Nom
ECN: C-03528—Rev. F, 19-Jan-04
DWG: 5547


Similar Part No. - SI5435BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5435BDC VISHAY-SI5435BDC Datasheet
94Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 18-Oct-04
SI5435BDC VISHAY-SI5435BDC Datasheet
203Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 12-Dec-05
SI5435BDC-T1-E3 VISHAY-SI5435BDC-T1-E3 Datasheet
94Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 18-Oct-04
SI5435BDC VISHAY-SI5435BDC_05 Datasheet
203Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 12-Dec-05
More results

Similar Description - SI5435BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com