Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLCR227M002TA Datasheet(PDF) 2 Page - AVX Corporation

Part # TLCR227M002TA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCR227M002TA Datasheet(HTML) 2 Page - AVX Corporation

  TLCR227M002TA Datasheet HTML 1Page - AVX Corporation TLCR227M002TA Datasheet HTML 2Page - AVX Corporation TLCR227M002TA Datasheet HTML 3Page - AVX Corporation TLCR227M002TA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JANUARY 2015
57
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.47
µF to 220µF
Capacitance Tolerance:
±20%
Rated Voltage (VR)
-55°C
+40°C:
2
3
4
6.3
8
10
16
20
25
35
Category Voltage (VC)
at 85°C:
1
1.5
2
3.2
4
5
8
10
12.5
17.5
Category Voltage (VC)
at 125°C:
0.4
0.6
0.8
1.3
1.6
2
3.2
4
5
7
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xVR with 0.1Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
Capacitance
Voltage Rating DC (V
R) to 40°C
μF
Code
2.0V
3.0V
4.0V
6.3V
8V
10V
16V
20V
25V
35V
0.47
474
E
K
1.0
105
E
KL
R
2.2
225
K
K
H
R
3.3
335
L
4.7
475
K
K/U
J
6.8
685
K
K
U
10
106
K
J/K/Z
J/K/Z
U
V
R
15
156
K
K*
K
H/L
22
226
J
J
K*/U
L/U
L/M
33
336
L/U
H/L/L(4000)/U/V
L
H
47
476
L
L/R
H/L
H/R/V
D
H/R
68
686
R
R
R*
100
107
I*/R
D*/I*/R/T
R*/T
150
157
R*
R*
A*
220
227
R*
R*/T
Released Codes
Engineering samples - please contact manufacturer
*Codes under development - subject to change.
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating


Similar Part No. - TLCR227M002TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Vishay Siliconix
TLCR510 VISHAY-TLCR510 Datasheet
240Kb / 14P
   Untinted non-diffused lens
Rev. 1.8, 03-Feb-16
TLCR510 VISHAY-TLCR510 Datasheet
163Kb / 13P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCR5100 VISHAY-TLCR5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5100 VISHAY-TLCR5100 Datasheet
240Kb / 14P
   Untinted non-diffused lens
Rev. 1.8, 03-Feb-16
More results

Similar Description - TLCR227M002TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com