Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ19D5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3EZ19D5
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3EZ19D5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3EZ19D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3EZ19D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3EZ19D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3EZ3.9D5 thru 3EZ30D5
Document Number: 3EZ3.9D5 thru 3EZ30D5
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
Suffix 1 indicates ±1% tolerance, suffix 2 indicates ±2% tolerance, suffix 3 indicates ±3% tolerance, suffix 4 indicates ±4%
tolerance, suffix 5 indicates ±5% tolerance, suffix 10 indicates ±10% tolerance, no suffix indicates ±20% .
2.
The VZ is measured by applying IZ 40ms +/-10ms prior to reading. Mounting contacts are located 3/8” to 1/2” from inside edge
of mounting clips. Ambient temperature, TA=25℃(+8℃/-2℃)
3.
The Zener impedance is derived from 60cycle ac voltage resulting from an ac current having an rms value equal to 10% of the
dc Zener current (IZT or IZK) is superimposed on IZT or IZK.
4.
Maximum Surge Current is a non-recurrent maximum peak reverse surge with a pulse width of 8.3ms.
Microsemi
Type
Number
(Note1)
Nominal
Zener
Voltage
(Note2)
Maximum Zener
Impedance(Note3)
Maximum
Reverse
Current
Maximum
Zener
Current
Maximum
Surge
Current
(Note4)
VZ @ IZT
ZZT @ IZT
ZZk @ IZk
IR @ VR
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
Izsm
(mA)
3EZ3.9D5
3EZ4.3D5
3EZ4.7D5
3EZ5.1D5
3.9
4.3
4.7
5.1
192
174
160
147
4.5
4.5
4.0
3.5
400
400
500
550
1.00
1.00
1.00
1.00
80
30
20
5.0
1.0
1.0
1.0
1.0
630
590
550
520
4.40
4.10
3.80
3.50
3EZ5.6D5
3EZ6.2D5
3EZ6.8D5
3EZ7.5D5
5.6
6.2
6.8
7.5
134
121
110
100
2.5
1.5
2.0
2.0
600
700
700
700
1.00
1.00
1.00
0.50
5.0
5.0
5.0
5.0
2.0
3.0
4.0
5.0
480
435
393
360
3.30
3.10
2.90
2.66
3EZ8.2D5
3EZ9.1D5
3EZ10D5
3EZ11D5
8.2
9.1
10
11
91
82
75
68
2.3
2.5
3.5
4.0
700
700
700
700
0.50
0.50
0.25
0.25
5.0
3.0
3.0
1.0
6.0
7.0
7.6
8.4
330
297
270
225
2.44
2.20
2.00
1.82
3EZ12D5
3EZ13D5
3EZ14D5
3EZ15D5
12
13
14
15
63
58
53
50
4.5
4.5
5.0
5.5
700
700
700
700
0.25
0.25
0.25
0.25
1.0
0.5
0.5
0.5
9.1
9.9
10.6
11.4
246
208
193
180
1.66
1.54
1.43
1.33
3EZ16D5
3EZ17D5
3EZ18D5
3EZ19D5
16
17
18
19
47
44
42
40
5.5
6.0
6.0
7.0
700
750
750
750
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
12.2
13.0
13.7
14.4
169
150
159
142
1.25
1.18
1.11
1.05
3EZ20D5
3EZ22D5
3EZ24D5
3EZ27D5
20
22
24
27
37
34
31
28
7.0
8.0
9.0
10
750
750
750
750
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
15.2
16.7
18.2
20.6
135
123
112
100
1.00
0.91
0.83
0.74
3EZ28D5
3EZ30D5
28
30
27
25
12
16
750
1000
0.25
0.25
0.5
0.5
21.0
22.5
96
90
0.71
0.67
打印无效


Similar Part No. - 3EZ19D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ19D5 EIC-3EZ19D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
Micro Commercial Compon...
3EZ19D5 MCC-3EZ19D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Microsemi Corporation
3EZ19D5 MICROSEMI-3EZ19D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
SEC Electronics Inc.
3EZ19D5 SECELECTRONICS-3EZ19D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Jinan Gude Electronic D...
3EZ19D5 JGD-3EZ19D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
More results

Similar Description - 3EZ19D5

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com