Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ6G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GBJ6G
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GBJ6G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GBJ6G Datasheet HTML 1Page - List of Unclassifed Manufacturers GBJ6G Datasheet HTML 2Page - List of Unclassifed Manufacturers GBJ6G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GBJ6D thru GBJ6M
Document Number: GBJ6D thru GBJ6M
www.
Jan.12, 2011
3
smsemi.com
Package Outline Information
1.193(30.3)
1.170(29.7)
0.799(20.3)
0.775(19.7)
0.697(17.7)
0.677(17.2)
0.303(7.7)
0.287(7.3)
0.409(10.4)
0.394(10.0)
0.106(2.7)
0.091(2.3)
0.043(1.1)
0.035(0.9)
0.150(3.8)
0.134(3.4)
0.134(3.4)
0.118(3.0)
0.189(4.8)
0.173(4.4)
0.441(11.2)
0.425(10.8)
0.031(0.8)
0.024(0.6)
0.114(2.9)
0.098(2.5)
+
~
~
-
0.165(4.2)
0.150(3.8)
0.094(2.4)
0.079(2.0)
(2×)
0.197
(5.0)
Dimensions in inches (mm)
CASE:
GBJ


Similar Part No. - GBJ6G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ6G PANJIT-GBJ6G Datasheet
45Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Won-Top Electronics
GBJ6G WTE-GBJ6G Datasheet
61Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBJ6G PANJIT-GBJ6G Datasheet
74Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ6G SECOS-GBJ6G Datasheet
258Kb / 2P
   6.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBJ6G CHENG-YI-GBJ6G Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBJ6G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com