Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP45A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 30KP45A
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

30KP45A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  30KP45A Datasheet HTML 1Page - List of Unclassifed Manufacturers 30KP45A Datasheet HTML 2Page - List of Unclassifed Manufacturers 30KP45A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30KP33 thru 30KP400CA
Document Number: 30KP33 thru 30KP400CA
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Reverse
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
10/1000µs
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR)(mV/℃)
30KP33
30KP33A
30KP36
30KP36A
36.7
36.7
40.0
40.0
44.9
40.6
48.9
44.2
50
50
50
50
33
33
36
36
5000
5000
5000
5000
496
548
454
502
64.6
58.6
68.2
61.8
42
38
46
41
30KP40
30KP40A
30KP43
30KP43A
44.4
44.4
47.8
47.8
54.3
49.1
58.4
52.8
20
20
10
10
40
40
43
43
1500
1500
500
500
412
456
380
430
75.8
68.6
79.0
71.0
51
46
55
50
30KP45
30KP45A
30KP48
30KP48A
50.0
50.0
53.3
53.3
61.1
55.3
65.1
58.9
5
5
5
5
45
45
48
48
150
150
150
150
372
410
350
386
80.7
73.0
85.9
77.7
57
52
62
56
30KP51
30KP51A
30KP54
30KP54A
56.7
56.7
60.0
60.0
69.3
62.7
73.6
66.3
5
5
5
5
51
51
54
54
50
50
25
25
328
362
310
342
91.5
82.8
96.8
87.5
66
60
70
63
30KP58
30KP58A
30KP60
30KP60A
64.4
64.4
66.7
66.7
78.7
71.2
81.5
73.7
5
5
5
5
58
58
60
60
15
15
15
15
288
320
280
304
104.0
94.0
107.0
97.3
76
68
78
71
30KP64
30KP64A
30KP70
30KP70A
71.1
71.1
77.8
77.8
86.9
78.6
95.1
86.0
5
5
5
5
64
64
70
70
10
10
10
10
260
288
238
264
115.0
104.0
126.0
114.0
84
76
92
83
30KP75
30KP75A
30KP78
30KP78A
83.3
83.3
86.7
86.7
102.0
92.1
106.0
95.8
5
5
5
5
75
75
78
78
10
10
10
10
222
246
214
238
135.0
122.0
140.0
126.0
100
89
104
93
30KP85
30KP85A
30KP90
30KP90A
94.4
94.4
100.0
100.0
115.0
104.0
122.0
111.0
5
5
5
5
85
85
90
90
10
10
10
10
198
218
188
206
152.0
137.0
160.0
146.0
113
102
120
109
30KP100
30KP100A
30KP110
30KP110A
111.0
111.0
122.0
122.0
136.0
123.0
149.0
135.0
5
5
5
5
100
100
110
110
10
10
10
10
168
186
154
168
179.0
162.0
196.0
178.0
134
121
147
133
30KP120
30KP120A
30KP130
30KP130A
133.0
133.0
144.0
144.0
163.0
147.0
176.0
159.0
5
5
5
5
120
120
130
130
10
10
10
10
140
156
130
142
214.0
193.0
231.0
209.0
161
145
174
157
30KP150
30KP150A
30KP160
30KP160A
167.0
167.0
178.0
178.0
204.0
185.0
218.0
197.0
5
5
5
5
150
150
160
160
10
10
10
10
112
124
104
116
268.0
243.0
287.0
259.0
202
183
216
195
30KP170
30KP170A
30KP180
30KP180A
189.0
189.0
200.0
200.0
231.0
209.0
244.0
221.0
5
5
5
5
170
170
180
180
10
10
10
10
98
110
94
104
304.0
275.0
321.0
291.0
229
207
242
219
30KP200
30KP200A
30KP220
30KP220A
222.0
222.0
245.0
245.0
271.0
245.0
299.0
271.0
5
5
5
5
200
200
220
220
10
10
10
10
84
94
76
84
356.0
322.0
393.0
356.0
269
243
297
269
打印无效


Similar Part No. - 30KP45A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP45A MICROSEMI-30KP45A Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP45A NJSEMI-30KP45A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP45A LEIDITECH-30KP45A Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP45A NJSEMI-30KP45A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP45A NJSEMI-30KP45A Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP45A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com