Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EZ15D5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2EZ15D5
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2EZ15D5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2EZ15D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2EZ15D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2EZ15D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2EZ3.6D5 thru 2EZ30D5
Document Number: 2EZ3.6D5 thru 2EZ30D5
www.smsemi.com
Feb.29, 2012
1
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PM(AV)
Steady state power at TL ≤ 60℃ 0.375”(10mm) from body
2.0
W
Steady state power at TA=25℃ when mounted on FR4 PC described for
thermal resistance (also see Fig.1)
1.19
W
VF
Maximum instantaneous forward voltage at 200mA
1.2
V
RθJL
Thermal resistance junction to lead
45
℃/W
RθJA
Thermal resistance junction to ambient
105
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
Transient Voltage Suppressor
Breakdown Voltage 3.6 to 30 Volts
Features
Extensive Voltages selection from 3.6 to 30V
Silicon 2.0 Watt Zener Diodes
Hermetically sealed glass body construction
Withstands surge stresses
Application
Voltage stabilization
Regulates voltage over a broad operating current
and temperature range
Flexible axial-lead mounting terminals
High specified maximum current (IZM) when
adequately heat sunk
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Part number
Polarity: Cathode indicated by band
Weight: 0.3g(Approximately)
CASE: DO-204AL (DO-41)
Dimensions in inches and (millimeters)
打印无效


Similar Part No. - 2EZ15D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ15D5 EIC-2EZ15D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ15D5 FS-2EZ15D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
SynSemi, Inc.
2EZ15D5 SYNSEMI-2EZ15D5 Datasheet
37Kb / 2P
   SILICON ZENER DIODES
logo
Diotech Company.
2EZ15D5 DIOTECH-2EZ15D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
logo
Microsemi Corporation
2EZ15D5 MICROSEMI-2EZ15D5 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
More results

Similar Description - 2EZ15D5

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com