Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6384 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1N6384
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N6384 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1N6384 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6384 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6384 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N6373 thru 1N6389
MPTE-5 thru MPTE-45C
Document Number: 1N6373 thru 1N6389, MPTE-5 thru MPTE-45C
www.smsemi.com
Feb.29,2012
3
Fig.3 Derating Curve
Fig.4 Typical Capacitance vs.
Breakdown Voltage (Unidirectional)
1
10
100
VBR – Breakdown Voltage (V)
100
75
50
25
0
Peak Pulse Power
(Single pulse).
Average
Power
Measured at
Zero Bias
Measured at
Stand-off Voltage
10
5
10
4
10
3
10
2
0
50
100
150
200
Lead or Ambient Temperature (℃)
Fig.6 Max. Non-Repetitive Forward Surge Current
Uni-Directional Only
1
10
100
Number of Cycles at 60HZ
10
3
10
2
10
TJ=TJ Max.
8.3ms Single Half Sine-Wave
Fig.5 Typical Capacitance vs.
Breakdown Voltage (Bidirectional)
Measured at
Zero Bias
Measured at
Stand-off Voltage
1
10
100
VBR – Breakdown Voltage (V)
10
5
10
4
10
3
10
2
Fig.7 Typical Capacitance Clamping Voltage
vs. Peak Pulse Current
1
10
100
Ipp – Peak Pulse Current (A)
100
40
20
10
6
MPT-5
MPT-8
MPT-10
MPT-12
MPT-15
MPT-18
MPT-22
MPT-36
MPT-45
打印无效


Similar Part No. - 1N6384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6384 ETC-1N6384 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
New Jersey Semi-Conduct...
1N6384 NJSEMI-1N6384 Datasheet
108Kb / 2P
   TRANSZORB Transient Voltage Suppressors
logo
Motorola, Inc
1N6384 MOTOROLA-1N6384 Datasheet
50Kb / 6P
   Zener Transient Voltage Suppressors Unidirectional and Bidirectional
logo
ON Semiconductor
1N6384 ONSEMI-1N6384 Datasheet
194Kb / 6P
   Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Vishay Siliconix
1N6384 VISHAY-1N6384 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Similar Description - 1N6384

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com