Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EZ7.5D5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2EZ7.5D5
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2EZ7.5D5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2EZ7.5D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2EZ7.5D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2EZ7.5D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2EZ3.6D5 thru 2EZ30D5
Document Number: 2EZ3.6D5 thru 2EZ30D5
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note:
1.
Suffix 1 indicates +/- 1% tolerance, suffix 2 indicates +/- 2% tolerance, suffix 5 indicates +/- 5% tolerance, suffix 10 indicates +/-
10% tolerance, no suffix indicates +/- 20% .
2.
The VZ is measured after allowing a 90 second stabilization period when mounted with a 3/8” minimum lead length from body.
Ambient temperature, TA=25℃(+8℃/-2℃)
3.
The Zener impedance is derived from 60cycle ac voltage resulting from an ac current having an rms value equal to
10% of the dc Zener current (IZT or IZK) is superimposed on IZT or IZK.
4.
Maximum Surge Current IZSM is a non-recurrent maximum peak reverse surge with a pulse width of 8.3ms.
Microsemi
Type
Number
(Note1)
Nominal
Zener
Voltage
(Note2)
Maximum Zener
Impedance(Note3)
Maximum
Reverse
Current
Maximum
Rated
Zener
Current
@ 100°C
Maximum
Surge
Current
(Note4)
VZ @ IZT
ZZT @ IZT
ZZk @ IZk
IR @ VR
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
Izsm
(mA)
2EZ3.6D5
2EZ3.9D5
2EZ4.3D5
2EZ4.7D5
3.6
3.9
4.3
4.7
139
128
116
106
5.0
5.0
4.5
4.5
400
400
400
550
1.00
1.00
1.00
1.00
80
30
20
5.0
1.0
1.0
1.0
1.0
504
468
434
386
4.60
4.40
4.10
3.80
2EZ5.1D5
2EZ5.6D5
2EZ6.2D5
2EZ6.8D5
5.1
5.6
6.2
6.8
98.0
89.5
80.5
73.5
3.5
2.5
1.5
1.0
600
500
700
700
1.00
1.00
1.00
1.00
5.0
5.0
5.0
5.0
1.0
2.0
3.0
4.0
356
324
292
266
3.50
3.30
3.10
2.90
2EZ7.5D5
2EZ8.2D5
2EZ9.1D5
2EZ10D5
7.5
8.2
9.1
10
66.5
61.0
55.0
50.0
2.0
2.3
2.5
3.5
700
700
700
700
0.50
0.50
0.50
0.25
5.0
5.0
3.0
3.0
5.0
6.0
7.0
7.6
242
220
200
182
2.66
2.44
2.20
2.00
2EZ11D5
2EZ12D5
2EZ13D5
2EZ14D5
11
12
13
14
45.5
41.5
38.5
35.7
4.0
4.5
5.0
5.5
700
700
700
700
0.25
0.25
0.25
0.25
1.0
1.0
0.5
0.5
8.4
9.1
9.9
10.6
166
152
138
130
1.82
1.66
1.54
1.43
2EZ15D5
2EZ16D5
2EZ17D5
2EZ18D5
15
16
17
18
33.4
31.2
29.4
27.8
7.0
8.0
9.0
10
700
700
750
750
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
11.4
12.2
13.0
13.7
122
114
107
100
1.33
1.25
1.18
1.11
2EZ19D5
2EZ20D5
2EZ22D5
2EZ24D5
19
20
22
24
26.3
25.0
22.8
20.8
11
11
12
13
750
750
750
750
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
14.4
15.2
16.7
18.2
95
90
82
76
1.05
1.00
0.91
0.83
2EZ27D5
2EZ30D5
27
30
18.5
16.6
18
20
750
1000
0.25
0.25
0.5
0.5
20.6
22.5
68
60
0.74
0.67
打印无效


Similar Part No. - 2EZ7.5D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ7.5D5 EIC-2EZ7.5D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ7.5D5 FS-2EZ7.5D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
SynSemi, Inc.
2EZ7.5D5 SYNSEMI-2EZ7.5D5 Datasheet
37Kb / 2P
   SILICON ZENER DIODES
logo
Diotech Company.
2EZ7.5D5 DIOTECH-2EZ7.5D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
logo
Microsemi Corporation
2EZ7.5D5 MICROSEMI-2EZ7.5D5 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
More results

Similar Description - 2EZ7.5D5

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com