Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6378 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N6378
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N6378 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N6378 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6378 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6378 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N6373 thru 1N6389
MPTE-5 thru MPTE-45C
Document Number: 1N6373 thru 1N6389, MPTE-5 thru MPTE-45C
www.smsemi.com
Feb.29,2012
2
Electrical Characteristics @ 25°C (Unidirectional) TABLE
VF at 100amps peak, 8.3msec sine wave equals 3.5volts maximum.
Electrical Characteristics @ 25°C (Bidirectional) TABLE
C Suffix indicates Bidirectional
Note1.TVS devices are normally selected according to the reverse “Stand Off Voltage” (VWM) which should be equal to or greater
than the dc or continuous peak operating voltage level.
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Stand
Off
Voltage
(Note1)
Maximum
Reverse
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
IBR
(mA)
IPP1=1A
IPP2=10A
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
VC(V)
1N6373
1N6374
1N6375
1N6376
1N6377
MPTE-5
MPTE-8
MPTE-10
MPTE-12
MPTE-15
6.00
9.40
11.7
14.1
17.6
7.00
10.39
12.93
15.58
19.45
1
1
1
1
1
5.0
8.0
10.0
12.0
15.0
300
25
2
2
2
160
100
90
70
60
7.1
11.3
13.7
16.1
20.1
7.5
11.5
14.1
16.5
20.6
1N6378
1N6379
1N6380
1N6381
MPTE-18
MPTE-22
MPTE-36
MPTE-45
21.2
25.9
42.4
52.9
23.43
28.63
46.86
58.47
1
1
1
1
18.0
22.0
36.0
45.0
2
2
2
2
50
40
23
19
24.2
29.8
50.6
63.3
25.2
32.0
54.3
70.0
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Stand
Off
Voltage
(Note1)
Maximum
Reverse
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
IBR
(mA)
IPP1=1A
IPP2=10A
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
VC(V)
1N6382
1N6383
1N6384
1N6385
MPTE-5C
MPTE-8C
MPTE-10C
MPTE-12C
MPTE-15C
6.00
9.40
11.7
14.1
17.6
7.00
10.39
12.93
15.58
19.45
1
1
1
1
1
5.0
8.0
10.0
12.0
15.0
300
25
2
2
2
160
100
90
70
60
7.1
11.4
14.1
16.7
20.8
7.5
11.6
14.5
17.1
21.4
1N6386
1N6387
1N6388
1N6389
MPTE-18C
MPTE-22C
MPTE-36C
MPTE-45C
21.2
25.9
42.4
52.9
23.43
28.63
46.86
58.47
1
1
1
1
18.0
22.0
36.0
45.0
2
2
2
2
50
40
23
19
24.8
30.8
50.6
63.3
25.5
32.0
54.3
70.0
Fig. 1 Peak Pulse Power vs. Pulse Time
Fig.2 Pulse Waveform for Exponential Surge
10
3
10
2
10
1.0
0.1
0.1
1.0
10
10
2
10
3
10
4
10
5
tP-Pulse Time (µs)
0
1.0
2.0
3.0
4.0
t-Time (ms)
tr=10µs
Peak Value IPP
Half Value IPP
2
10/1000µs Waveform
as defined by R.E.A.
150
100
50
0
Characteristic Curve
Non-Repetitive Pulse
Waveform shown in
Fig.2 TA=25℃
Pulse time duration (tp)
is defined as that point
where ip decays to 50%
of peak value (IPP)
打印无效


Similar Part No. - 1N6378

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6378 ONSEMI-1N6378 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
New Jersey Semi-Conduct...
1N6378 NJSEMI-1N6378 Datasheet
102Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V
logo
List of Unclassifed Man...
1N6378 ETC-1N6378 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
New Jersey Semi-Conduct...
1N6378 NJSEMI-1N6378 Datasheet
108Kb / 2P
   TRANSZORB Transient Voltage Suppressors
logo
Motorola, Inc
1N6378 MOTOROLA-1N6378 Datasheet
50Kb / 6P
   Zener Transient Voltage Suppressors Unidirectional and Bidirectional
More results

Similar Description - 1N6378

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com