Electronic Components Datasheet Search |
|
V85MLA1210N Datasheet(PDF) 6 Page - Littelfuse |
|
V85MLA1210N Datasheet(HTML) 6 Page - Littelfuse |
6 / 8 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 10/16/14 Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series Lead (Pb) Soldering Recommendations The principal techniques used for the soldering of components in surface mount technology are IR Re-flow and Wave soldering. Typical profiles are shown on the right. The recommended solder for the MLA suppressor is a 62/36/2 (Sn/Pb/Ag), 60/40 (Sn/Pb) or 63/37 (Sn/Pb). Littelfuse also recommends an RMA solder flux. Wave soldering is the most strenuous of the processes. To avoid the possibility of generating stresses due to thermal shock, a preheat stage in the soldering process is recommended, and the peak temperature of the solder process should be rigidly controlled. When using a reflow process, care should be taken to ensure that the MLA chip is not subjected to a thermal gradient steeper than 4 degrees per second; the ideal gradient being 2 degrees per second. During the soldering process, preheating to within 100 degrees of the solder's peak temperature is essential to minimize thermal shock. Once the soldering process has been completed, it is still necessary to ensure that any further thermal shocks are avoided. One possible cause of thermal shock is hot printed circuit boards being removed from the solder process and subjected to cleaning solvents at room temperature. The boards must be allowed to cool gradually to less than 50º C before cleaning. Lead–free (Pb-free) Soldering Recommendations Littelfuse offers the Nickel Barrier Termination option (see "N" suffix in Part Numbering System for ordering) for the optimum Lead–free solder performance, consisting of a Matte Tin outer surface plated on Nickel underlayer, plated on Silver base metal. The preferred solder is 96.5/3.0/0.5 (SnAgCu) with an RMA flux, but there is a wide selection of pastes and fluxes available with which the Nickel Barrier parts should be compatible. The reflow profile must be constrained by the maximums in the Lead–free Reflow Profile. For Lead–free wave soldering, the Wave Solder Profile still applies. Note: the Lead–free paste, flux and profile were used for evaluation purposes by Littelfuse, based upon industry standards and practices. There are multiple choices of all three available, it is advised that the customer explores the optimum combination for their process as processes vary considerably from site to site. FIGURE 14. REFLOW SOLDER PROFILE FIGURE 15.WAVE SOLDER PROFILE FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE TIME (MINUTES) 300 250 200 150 100 50 0 0.0 0.5 1.01.5 2.0 2.5 3.0 3.5 4.0 4.5 MAXIMUM WAVE 260°C SECOND PREHEAT FIRST PREHEAT MAXIMUM TEMPERATURE 260˚C, TIME WITHIN 5˚C OF PEAK 20 SECONDS MAXIMUM PREHEAT ZONE RAMP RATE <3˚C/s 60 - 150 SEC > 217˚C PREHEAT ZONE PREHEAT DWELL RAMP RATE <2°C/s MAXIMUM TEMPERATURE 230°C TIME (MINUTES) 250 200 150 100 50 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 40-80 SECONDS ABOVE 183°C TIME (MINUTES) 300 250 200 150 100 50 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 FIGURE 14. REFLOW SOLDER PROFILE FIGURE 15.WAVE SOLDER PROFILE FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE TIME (MINUTES) 300 250 200 150 100 50 0 0.0 0.5 1.01.5 2.0 2.5 3.0 3.5 4.0 4.5 MAXIMUM WAVE 260°C SECOND PREHEAT FIRST PREHEAT MAXIMUM TEMPERATURE 260˚C, TIME WITHIN 5˚C OF PEAK 20 SECONDS MAXIMUM PREHEAT ZONE RAMP RATE <3˚C/s 60 - 150 SEC > 217˚C PREHEAT ZONE PREHEAT DWELL RAMP RATE <2°C/s MAXIMUM TEMPERATURE 230°C TIME (MINUTES) 250 200 150 100 50 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 40-80 SECONDS ABOVE 183°C TIME (MINUTES) 300 250 200 150 100 50 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 FIGURE 14. REFLOW SOLDER PROFILE FIGURE 15.WAVE SOLDER PROFILE FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE TIME (MINUTES) 300 250 200 150 100 50 0 0.0 0.5 1.01.5 2.0 2.5 3.0 3.5 4.0 4.5 MAXIMUM WAVE 260°C SECOND PREHEAT FIRST PREHEAT MAXIMUM TEMPERATURE 260˚C, TIME WITHIN 5˚C OF PEAK 20 SECONDS MAXIMUM PREHEAT ZONE RAMP RATE <3˚C/s 60 - 150 SEC > 217˚C PREHEAT ZONE PREHEAT DWELL RAMP RATE <2°C/s MAXIMUM TEMPERATURE 230°C TIME (MINUTES) 250 200 150 100 50 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 40-80 SECONDS ABOVE 183°C TIME (MINUTES) 300 250 200 150 100 50 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 Reflow Solder Profile Wave Solder Profile Lead–free Re-flow Solder Profile Figure 14 Figure 15 Figure 16 |
Similar Part No. - V85MLA1210N |
|
Similar Description - V85MLA1210N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |