Electronic Components Datasheet Search |
|
V26MLA0805LN Datasheet(PDF) 1 Page - Littelfuse |
|
V26MLA0805LN Datasheet(HTML) 1 Page - Littelfuse |
1 / 8 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 10/16/14 Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series MLA Varistor Series RoHS Description The MLA Series (also known as "ML" series) family of transient voltage surge suppression devices is based on the Littelfuse Multilayer fabrication technology. These components are designed to suppress a variety of transient events, including those specified in IEC 61000-4-2 or other standards used for Electromagnetic Compliance (EMC). The MLA Series is typically applied to protect integrated circuits and other components at the circuit board level. The wide operating voltage and energy range make the MLA Series suitable for numerous applications on power supply, control and signal lines. The MLA Series is manufactured from semiconducting ceramics, and is supplied in a leadless, surface mount package. The MLA Series is compatible with modern reflow and wave soldering procedures. It can operate over a wider temperature range than Zener diodes, and has a much smaller footprint than plastic- housed components. Littelfuse Inc. manufactures other multilayer series products. See the MLE Series data sheet for ESD applications, MHS Series data sheet for high-speed ESD applications, the MLN Series for multiline protection and the AUML Series for automotive applications. Features • RoHS compliant • Leadless0402, 0603, 0805, 1206 and 1210 chip sizes • Multilayerceramic construction technology • -55°Cto+125°C operating temp. range • Operatingvoltage range V M(DC) = 5.5V to 120V • Ratedforsurge current (8 x 20µs) • Ratedforenergy (10 x 1000µs) • Inherentbi-directional clamping • Standardlow capacitance types available • ESDratedtoIEC 61000-4-2, Level 4: Air Discharge 15KV and Contact Discharge 8KV Applications • Suppression of inductive switching or other transient events such as EFT and surge voltage at the circuit board level • ESDprotectionforIEC 61000-4-2 (Level 4), MIL-STD-883c method 3015.7, and other industry specifications (see also the MLE or MLN Series) • Provideson-board transient voltage protection for ICS and transistors • Usedtohelpachieve electromagnetic compliance of end products • Replacelargersurface mount TVS Zeners in many applications Size Table Metric EIA 1005 0402 1608 0603 2012 0805 3216 1206 3225 1210 Absolute Maximum Ratings Continuous ML Series Units Steady State Applied Voltage: DC Voltage Range (V M(DC)) 3.5 to 120 V AC Voltage Range (V M(AC)RMS) 2.5 to 107 V Transient: Non-Repetitive Surge Current, 8/20µs Waveform, (I TM) 4 to 500 A Non-Repetitive Surge Energy, 10/1000µs Waveform, (W TM) 0.02 to 2.5 J Operating Ambient Temperature Range (T A) -55 to +125 ºC Storage Temperature Range (T STG) -55 to +150 ºC Temperature Coefficient (αV) of Clamping Voltage (V C) at Specified Test Current <0.01 %/º C •Forratingsofindividualmembersofaseries,seedeviceratingsandspecificationstable. Additional Information Datasheet Samples Resources |
Similar Part No. - V26MLA0805LN |
|
Similar Description - V26MLA0805LN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |