Electronic Components Datasheet Search |
|
V18MLA0603N Datasheet(PDF) 7 Page - Littelfuse |
|
V18MLA0603N Datasheet(HTML) 7 Page - Littelfuse |
7 / 8 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 10/16/14 Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series Product Dimensions (mm) NOTE : Avoid metal runs in this area, parts not recommended for use in applications using Silver (Ag) epoxy paste. PAD LAyOUT DIMENSIONS C B A NOTE: Avoid metal runs in this area. Parts not recommended for use in applications using silver epoxy paste. NOTE CHIP LAyOUT DIMENSIONS E L W D Dimension 1210 Size 1206 Size 0805 Size 0603 Size 0402 Size IN MM IN MM IN MM IN MM IN MM A 0.160 4.06 0.160 4.06 0.120 3.05 0.100 2.54 0.067 1.70 B 0.100 2.54 0.065 1.65 0.050 1.27 0.030 0.76 0.020 0.51 C 0.040 1.02 0.040 1.02 0.040 1.02 0.035 0.89 0.024 0.61 D (max.) 0.113 2.87 0.071 1.80 0.043 1.10 0.040 1.00 0.024 0.60 E 0.020 -/+0.010 0.50 -/+0.25 0.020 -/+0.010 0.50 -/+0.25 0.020 -/+ 0.010 0.50 -/+ 0.25 0.015 -/+0.008 0.4 -/+0.20 0.010 -/+0.006 0.25 -/+0.15 L 0.125 -/+0.012 3.20 -/+0.30 0.125 -/+0.012 3.20 -/+0.30 0.079 -/+0.008 2.01 -/+0.20 0.063 -/+0.006 1.6 -/+0.15 0.039 -/+0.004 1.00 -/+0.10 W 0.100 -/+0.012 2.54 -/+0.30 0.060 -/+0.011 1.60 -/+0.28 0.049 -/+0.008 1.25 -/+0.20 0.032 -/+0.060 0.8 -/+0.15 0.020 -/+0.004 0.50 -/+0.10 Part Numbering System V181206 PACKING OPTIONS (see Packaging table for quantities) DEVICE SIZE: DEVICE FAMILY Littelfuse TVSS Device X MAXIMUM DC WORKING VOLTAGE MLA X X CAPACITANCE OPTION No Letter:Standard : L: Low Capacitance Version END TERMINATION OPTION MULTILAYER SERIES DESIGNATOR N or No Letter: Nickel Barrier Option (Matte Tin outer surface, plated on Nickel underlayer plated on silver base metal) T: 13in (330mm) Diameter Reel, Plastic Carrier Tape H: 7in (178mm) Diameter Reel, Plastic Carrier Tape R: 7in (178mm) Diameter Reel, Paper Carrier Tape A: Bulk Pack 0201 = .024 inch x .012 inch (0.6 mm x 0.3 mm) 0402 = .04 inch x .02 inch (1.0 mm x 0.5 mm) 0603 = .063 inch x .031 inch (1.6 mm x 0.8 mm) 0805 = .08 inch x .08 inch (2.0 mm x 1.25 mm) 1206 = .126 inch x .063 inch (3.2 mm x 1.6 mm) 1210 = .126 inch x .1 inch (3.2 mm x 2.5 mm) Packaging* Device Size Quantity 13” Inch Reel ("T" Option) 7” Inch Reel ("H" Option) 7” Inch Reel ("R" Option) Bulk Pack ("A" Option) 1210 8,000 2,000 N/A 2,000 1206 10,000 2,500 N/A 2,500 0805 10,000 2,500 N/A 2,500 0603 10,000 2,500 4,000 2,500 0402 N/A N/A 10,000 N/A *(Packaging) It is recommended that parts be kept in the sealed bag provided and that parts be used as soon as possible when removed from bags. *NOTES: 1 V120MLA1210 standard shipping quantities are 1000 pieces per reel for the "H" option and 4000 pieces per reel for "T" option. 2 V3.5 MLA0603, V5.5MLA0603 and V9MLA0603 only available in "H," "T" and "A" packing options. |
Similar Part No. - V18MLA0603N |
|
Similar Description - V18MLA0603N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |