Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10E150P Datasheet(PDF) 1 Page - Littelfuse

Part # V10E150P
Description  Radial Lead Varistors UltraMOVTM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E150P Datasheet(HTML) 1 Page - Littelfuse

  V10E150P Datasheet HTML 1Page - Littelfuse V10E150P Datasheet HTML 2Page - Littelfuse V10E150P Datasheet HTML 3Page - Littelfuse V10E150P Datasheet HTML 4Page - Littelfuse V10E150P Datasheet HTML 5Page - Littelfuse V10E150P Datasheet HTML 6Page - Littelfuse V10E150P Datasheet HTML 7Page - Littelfuse V10E150P Datasheet HTML 8Page - Littelfuse V10E150P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > UltraMOVTM Series
Description
The UltraMOV™ Metal Oxide Varistor Series is designed
for applications requiring high peak surge current ratings
and high energy absorption capability. UltraMOV™
varistors are primarily intended for use in AC Line Voltage
applications such as Transient Voltage Surge Suppressors
(TVSS), Uninterruptable Power Supplies (UPS), AC Power
Taps, AC Power Meters, or other products that require
voltage clamping of high transient surge currents from
sources such as lightning, inductive load switching, or
capacitor bank switching.
These devices are produced in radial lead package sizes of
7,10,14 and 20mm and offered in a variety of lead forms.
UltraMOVs™ are manufactured with recognized epoxy
encapsulation and are rated for ambient temperatures up
to 85ºC with no derating. This Series is LASER-branded and
is supplied in bulk, ammo pack (fan-fold), or tape and reel
packaging.
Features
• Lead–free, Halogen-Free
and RoHS compliant.
• Highpeaksurge
current rating (I
TM) up
to 10kA, single 8 x
20 pulse, (20mm)
• Standardoperating
voltage range compatible
with common AC
line voltages (130
V
AC to 625 VAC)
• Characterizedfor
maximum standby
current (Leakage)
• Customvoltage
types available
• Standardleadformand
lead space options
Agency Approvals
Absolute Maximum Ratings
•Forratingsofindividualmembersofaseries,seeDeviceRatingsandSpecificationschart
Agency Approval
Agency File
Number
UL1449
E320116
CECC 42201-006
IEC 61051-1
IEC 61051-2
IEC 60950-1 (Annex Q) for 14mm
and 20mm only
116895
CSA 2221 01
LR91788
CECC 42201-006
IEC 61051-1
IEC 61051-2
IEC 60950-1 (Annex Q) for 14mm
and 20mm only
E1273/F
Continuous
UltraMOV™ Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
130 to 625
V
Transients:
Single-Pulse Peak Current (I
TM) 8x20µs Wave (See Figure 2)
1,750 to 10,000
A
Single-Pulse Energy Range (W
TM) 2ms Square Wave
12.5 to 400
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
TemperatureCoefficient(aV) of Clamping Voltage (V
C)atSpecifiedTestCurrent
<0.01
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
UltraMOVTM Varistor Series
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - V10E150P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E150P LITTELFUSE-V10E150P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V10E150P LITTELFUSE-V10E150P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E150P LITTELFUSE-V10E150P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E150P LITTELFUSE-V10E150P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E150P LITTELFUSE-V10E150P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V10E150P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com