Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V07E140P Datasheet(PDF) 10 Page - Littelfuse

Part # V07E140P
Description  Radial Lead Varistors UltraMOVTM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E140P Datasheet(HTML) 10 Page - Littelfuse

Back Button V07E140P Datasheet HTML 6Page - Littelfuse V07E140P Datasheet HTML 7Page - Littelfuse V07E140P Datasheet HTML 8Page - Littelfuse V07E140P Datasheet HTML 9Page - Littelfuse V07E140P Datasheet HTML 10Page - Littelfuse V07E140P Datasheet HTML 11Page - Littelfuse V07E140P Datasheet HTML 12Page - Littelfuse V07E140P Datasheet HTML 13Page - Littelfuse V07E140P Datasheet HTML 14Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > UltraMOVTM Series
Symbol
Description
Model Size
7mm
10mm
14mm
20mm
B
1
Component Top to Seating Plane
15 Max
19.5 Max
22.5 Max
29 Max
C
Crimp Length
2.4 Typ
2.6 Typ
2.6 Typ
2.6 Typ
P
Pitch of Component
12.7 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
25.4 +/- 1.0
P
0
Feed Hole Pitch
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
12.7 +/- 0.2
P
1
Feed Hole Center to Pitch
3.85 +/- 0.7
8.85 +/- 0.7
8.85 +/- 0.7
7.70 +/- 0.7
P
2
Hole Center to Component Center
6.35 +/- 0.7
12.7 +/- 0.7
12.7 +/- 0.7
12.7 +/- 0.7
F
LeadtoLeadDistance
5.0 +/- 0.8
7.5 +/- 0.8
7.5 +/- 0.8
10.0 +/- 0.8
Δh
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 +1.0 / -0.5
18.0 +1.0 / -0.52
18.0 +1.0 / -0.5
18.0 +1.0 / -0.5
W
0
HoldDownTapeWidth
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
12.0 +/- 0.3
W
1
Hole Position
9.0 +0.75 / -0.50
9.0 +0.75 / - 0.50
9.0 +0.75 / 0.50
9.0 +0.75 / -0.50
W
2
HoldDownTapePosition
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to Component Base
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
18.0 +2.0 / -0.0
H
0
Seating Plane Height
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
16.0 +/- 0.5
H
1
Component Height
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D
0
FeedHoleDiameter
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
4.0 +/- 0.2
t
Total Tape Thickness
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
0.7 +/- 0.2
Δp
Component Alignment
3° Max, 1.00mm
3° Max, 1.00mm
3° Max, 1.00mm
3° Max, 1.00mm
Tape Specifications for Reel and Ammo Pack Items (Refer to drawings on previous page)
• ConformstoANSIandEIAspecifications.
• CanbesuppliedtoIECPublication286-2.
• Radialdevicesontapeareofferedwithcrimpedleads,straightleads,orin-lineleads.SeeOrderingInformation.
• For10mmdevices'P'(componentpitch)is12.7mmwhen'F'(leadspace)is5mm.
• 7mmpartsareavailableontapeandreelupto460VAConly
• 10mmpartsareavailableontapeandreelupto510VAConly
• 14mmand20mmpartsareavailableontapeandreelupto550VAConly
• 7mmdeviceswith7.5mmleadspacingoptionwillbetapedat25.4mmcomponentpitchand500piecesperreel
• 10mmdeviceswith5.0mmleadspacingoptionwillbetapedat12.7mmcomponentpitchand1000piecesperreel
For information on tape and reel packaging quantities, please refer to the Ordering Notes section at the end of this document.


Similar Part No. - V07E140P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E140P LITTELFUSE-V07E140P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V07E140P LITTELFUSE-V07E140P Datasheet
784Kb / 11P
   Radial Lead Varistors
V07E140P LITTELFUSE-V07E140P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E140P LITTELFUSE-V07E140P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E140P LITTELFUSE-V07E140P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V07E140P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com