Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44066R6412E231 Datasheet(PDF) 2 Page - TDK Electronics

Part # B44066R6412E231
Description  Film capacitors ??Power Factor Correction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066R6412E231 Datasheet(HTML) 2 Page - TDK Electronics

  B44066R6412E231 Datasheet HTML 1Page - TDK Electronics B44066R6412E231 Datasheet HTML 2Page - TDK Electronics B44066R6412E231 Datasheet HTML 3Page - TDK Electronics B44066R6412E231 Datasheet HTML 4Page - TDK Electronics B44066R6412E231 Datasheet HTML 5Page - TDK Electronics B44066R6412E231 Datasheet HTML 6Page - TDK Electronics B44066R6412E231 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Film capacitors – Power Factor Correction
B44066R61…E230/B44066R6412E231
Key components – Dynamic PF-controller
BR6000-T V6.0
FILM P PM LMP
May 2012
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document
.
Characteristics
Intelligent control
Menu driven handling (plain language)
Czech/Dutch/English/French/German/Polish/Portuguese/Russian/
Spanish/Turkish
Self-optimizing control capability
Large measuring voltage range
Recall function of recorded values
Four-quadrant operation (e.g. stand by generator)
Powerful alarm output
Control series editor (value perception selectable)
High precision of measurement
2nd expert mode
Fixing of net frequency in the expert mode (for measuring) to avoid
errors when measuring in critical grids
Auto-range-function for sensitivity: For input current <1A the amplification
is increased in order to reach a sensitivity of 20 mA.
Interface RS485 optional
Features
Display
-
Large and multifunctional LCD
(2 x 16 characters)
-
Graphic and alphanumeric
-
LCD illumination
System parameters displayed
-
System voltage (V AC)
-
Reactive power (kvar)
-
Active power (kW)
-
Frequency
-
Apparent power (kVA)
-
Apparent current (A)
-
Temperature (°C / °F )
-
Real-time cos 
-
Target cos 
-
Switchover cos-/tan-
-
kvar value to target cos 
-
Harmonics of voltage and current
-
Display of values also as percentage
Alarm output
-
Insufficient compensation
-
Overcompensation
-
Undercurrent
-
Overcurrent
-
Overtemperature
-
Threshold value programmable
-
Internal error storage
-
2nd signal relay random
-
Triggering time programmable
Recall recorded values
- Maximum voltage, (Vmax)
-
Maximum reactive power, Q (kvar)
-
Maximum active power, P (kW)
-
Maximum apparent power, S (kVA)
-
Maximum temperature (°C)


Similar Part No. - B44066R6412E231

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066R6412E231 EPCOS-B44066R6412E231 Datasheet
67Kb / 6P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B44066R6412E231

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com