Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5533B Datasheet(PDF) 10 Page - Analog Devices

Part # AD5533B
Description  32-Channel Precision Infinite Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5533B Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5533B_15 Datasheet HTML 6Page - Analog Devices AD5533B_15 Datasheet HTML 7Page - Analog Devices AD5533B_15 Datasheet HTML 8Page - Analog Devices AD5533B_15 Datasheet HTML 9Page - Analog Devices AD5533B_15 Datasheet HTML 10Page - Analog Devices AD5533B_15 Datasheet HTML 11Page - Analog Devices AD5533B_15 Datasheet HTML 12Page - Analog Devices AD5533B_15 Datasheet HTML 13Page - Analog Devices AD5533B_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
AD5533B–Typical Performance Characteristics
VIN – V
0.0024
0.0000
–0.0024
0.1
2.96
0.0020
0.0004
–0.0004
–0.0012
0.0012
0.0008
–0.0008
0.0016
–0.0020
–0.0016
TA = 25 C
VREFIN = 3V
VOFFS_IN = 0V
TPC 1. VIN to VOUT Accuracy After Offset and
Gain Adjustment
TEMPERATURE – C
4
3
0
–40
120
0
40
80
2
1
OFFSET ERROR
GAIN
3.530
3.525
3.500
3.520
3.515
TPC 2. Offset Error and Gain vs. Temperature
SINK/SOURCE CURRENT – mA
3.530
3.525
3.515
6–6
4
20
–2
–4
3.520
TA = 25 C
VREFIN = 3V
VIN = 1V
TPC 3. VOUT Source and Sink Capability
100
90
10
0%
BUSY
TA = 25 C
VREFIN = 3V
VIN = 0V TO 1.5V
VOUT
5V
1V
2 s
TPC 4. Acquisition Time and Output Settling Time
VOUT – V
70k
60k
0
5.2670
5.2682
5.2676
40k
30k
20k
10k
50k
63791
200
1545
TA = 25 C
VREFIN = 3V
VIN = 1.5V
VOFFS_IN = 0V
TPC 5. ISHA Mode Repeatability (64 K Acquisitions)
TOTAL UNADJUSTED ERROR – mV
40
20
0
–4
8
–3
–2
–1
0
1
2
3
4
5
6
7
TPC 6. TUE Distribution at 25
°C (ISHA Mode)


Similar Part No. - AD5533B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533BBC-1 AD-AD5533BBC-1 Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
AD5533BBC-1 AD-AD5533BBC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results

Similar Description - AD5533B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com