Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB-20 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # MMB-20
Description  Automotive Circuit Breakers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MMB-20 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  MMB-20 Datasheet HTML 1Page - Cooper Bussmann, Inc. MMB-20 Datasheet HTML 2Page - Cooper Bussmann, Inc. MMB-20 Datasheet HTML 3Page - Cooper Bussmann, Inc. MMB-20 Datasheet HTML 4Page - Cooper Bussmann, Inc. MMB-20 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For product information and Data Sheets, visit www.cooperbussmann.com
14
December 11, 2008
Consumer Aftermarket Catalog
Automotive Circuit Breakers
Part No.
Blister
(Amps)
Pack
CBC-10HB
CBC-15HB
CBC-20HB
X
CBC-25HB
CBC-30HB
X
CBC-40HB
X
CBC-50HB
X
Part No. (Amps)
CBC-20BWP
CBC-30BWP
Part No. (Amps)
CBP-20BA
CBP-25BA
CBP-30BA
CBP-40BA
CBP-50BA
CBC-BWP Type I 10-32 Stud-Mount
Weatherproof Circuit Breakers
CBC-HB Type I 10-32 Stud-Mount Circuit Breakers with
Lengthwise Bracket
CBP-BA Type I 10-32 Stud-Mount Circuit Breakers with
Crosswise Bracket
Part No. (Amps)
CB174-8
CB174-10
CB174-15
CB174-20
CB174-25
CB174-30
Part No. (Amps)
CB174B-10
CB174B-15
CB174B-20
CB174B-25
CB174B-30
CB174B-40
Panel-Mount Breakers
Used in trucks, RVs, boats, buses, etc. offered with 1/4" quick-connect or
90° bent screw terminals.
CB174 Type III Circuit Breakers with 1/4" Quick-Connect
Terminals
CB174B Type III Circuit Breakers with 90° 5-32 Screw Terminals
Part No. (Amps)
CBT-10M
CBT-15M
CBT-20M
CBT-25M
CBT-30M
Part No. (Amps)
CBT-10N
CBT-15N
CBT-20N
CBT-25N
CBT-30N
Part No. (Amps)
CBU-6
CBU-30B
CBT-M Type II Circuit Breakers For Mack Trucks with
1
/4" Blades on 1" Centers
CBT-N Type II Circuit Breakers For Navistar Trucks with
1
/4" Blades on 1.08" Centers
CBU Type I Circuit Breakers with 1/4" Quick-Connect Terminals on
0.99" Centers (30B with crosswise bracket)
Quick-Connect Breakers
Used in trucks, RVs, boats, buses, etc. offered with 1/4" quick-connect or 90°
bent screw terminals.
CBU-6
CBU-30B


Similar Part No. - MMB-20

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
   Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
   Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
   Wall mount Bracket
REV A
logo
Vishay Siliconix
MMB-0207 VISHAY-MMB-0207 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB-0207 VISHAY-MMB-0207 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMB-20

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com