Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7429FCT52ATPYB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 7429FCT52ATPYB
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7429FCT52ATPYB Datasheet(HTML) 8 Page - Integrated Device Technology

  7429FCT52ATPYB Datasheet HTML 1Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 2Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 3Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 4Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 5Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 6Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 7Page - Integrated Device Technology 7429FCT52ATPYB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
8
ORDERING INFORMATION
29FCT
XX
Package
X
Process
Blank
B
Commercial
MIL-STD-883, Class B
P
D
E
L
SO
PY
Q
Plastic DIP
CERDIP
CERPACK
Leadless Chip Carrier
Small Outline IC
Shrink Small Outline Package
Quarter-size Small Outline Package
52AT
53AT
52BT
53BT
52CT
53CT
52DT
Non-inverting Octal Registered Transceiver
Inverting Octal Registered Transceiver
XX
Device Type
2629 drw 08
X
Family
Temp. Range
XX
Blank
B
Blank
20
High Drive
Balanced Drive
54
74
–55
°C to +125°C
0
°C to +70°C


Similar Part No. - 7429FCT52ATPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7429FCT520ATD IDT-7429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATDB IDT-7429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATE IDT-7429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATEB IDT-7429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
7429FCT520ATL IDT-7429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

Similar Description - 7429FCT52ATPYB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com