Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5531 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5531
Description  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5531 Datasheet(HTML) 5 Page - Analog Devices

  AD5531_15 Datasheet HTML 1Page - Analog Devices AD5531_15 Datasheet HTML 2Page - Analog Devices AD5531_15 Datasheet HTML 3Page - Analog Devices AD5531_15 Datasheet HTML 4Page - Analog Devices AD5531_15 Datasheet HTML 5Page - Analog Devices AD5531_15 Datasheet HTML 6Page - Analog Devices AD5531_15 Datasheet HTML 7Page - Analog Devices AD5531_15 Datasheet HTML 8Page - Analog Devices AD5531_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5530/AD5531
Rev. B | Page 5 of 20
AC PERFORMANCE CHARACTERISTICS
VDD = 10.8 V to 16.5 V, VSS = −10.8 V to −16.5 V; GND = 0 V; RL = 5 kΩ and CL = 220 pF to GND. All specifications TMIN to TMAX, unless
otherwise noted.
Table 3.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
20
μs typ
Full-scale change to ±½ LSB. DAC latch contents alternately
loaded with all 0s and all 1s.
Slew Rate
1.3
V/μs typ
Digital-to-Analog Glitch Impulse
120
nV-s typ
DAC latch alternately loaded with 0x0FFF and 0x1000. Not
dependent on load conditions.
Digital Feedthrough
0.5
nV-s typ
Effect of input bus activity on DAC output under test.
Output Noise Spectral Density @ 1 kHz
100
nV/√Hz typ
All 1s loaded to DAC.
STANDALONE TIMING CHARACTERISTICS
VDD = 10.8 V to 16.5 V, VSS = −10.8 V to −16.5 V; GND = 0 V; RL = 5 kΩ and CL = 220 pF to GND. All specifications TMIN to TMAX, unless
otherwise noted.
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Description
1 , 2
fMAX
7
MHz max
SCLK frequency
t1
140
ns min
SCLK cycle time
t2
60
ns min
SCLK low time
t3
60
ns min
SCLK high time
t4
50
ns min
SYNC to SCLK falling edge setup time
t5
40
ns min
SCLK falling edge to SYNC rising edge
t6
50
ns min
Min SYNC high time
t7
40
ns min
Data setup time
t8
15
ns min
Data hold time
t9
5
ns min
SYNC high to LDAC low
t10
50
ns min
LDAC pulse width
t11
5
ns min
LDAC high to SYNC low
t12
50
ns min
CLR pulse width
1 Guaranteed by design, not subject to production test.
2 Sample tested during initial release and after any redesign or process change that can affect this parameter. All input signals are measured with tR = tF = 5 ns (10% to
90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
SCLK
SYNC
SDIN
MSB
DB15
DB14
DB11
DB0
LSB
t1
t3
t2
t5
t4
t6
t7
t8
t9
t10
t11
t12
LDAC1
CLR
1LDAC CAN BE TIED PERMANENTLY LOW, IF REQUIRED.
Figure 2. Timing Diagram for Standalone Mode


Similar Part No. - AD5531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5531BRU AD-AD5531BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5531BRU AD-AD5531BRU Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL AD-AD5531BRU-REEL Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRU-REEL7 AD-AD5531BRU-REEL7 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531BRUZ-REEL1 AD-AD5531BRUZ-REEL1 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
More results

Similar Description - AD5531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com