Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5516 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5516
Description  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5516 Datasheet(HTML) 5 Page - Analog Devices

  AD5516_15 Datasheet HTML 1Page - Analog Devices AD5516_15 Datasheet HTML 2Page - Analog Devices AD5516_15 Datasheet HTML 3Page - Analog Devices AD5516_15 Datasheet HTML 4Page - Analog Devices AD5516_15 Datasheet HTML 5Page - Analog Devices AD5516_15 Datasheet HTML 6Page - Analog Devices AD5516_15 Datasheet HTML 7Page - Analog Devices AD5516_15 Datasheet HTML 8Page - Analog Devices AD5516_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD5516
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5516 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C, unless otherwise noted.)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –17 V
AVCC to AGND, DACGND . . . . . . . . . . . . . . . –0.3 V to +7 V
DVCC to DGND . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V to +7 V
Digital Inputs to DGND . . . . . . . . . . . –0.3 V to DVCC + 0.3 V
Digital Outputs to DGND . . . . . . . . . . –0.3 V to DVCC + 0.3 V
REF_IN to AGND, DACGND . . . . . . –0.3 V to AVCC + 0.3 V
VOUT0–15 to AGND . . . . . . . . . . . . VSS – 0.3 V to VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
RFB0–15 to AGND . . . . . . . . . . . . . VSS – 0.3 V to VDD +0.3 V
Operating Temperature Range, Industrial . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ MAX) . . . . . . . . . . . . . . . . . . . 150
°C
74-Lead CSPBGA Package, JA Thermal Impedance . . . 41
°C/W
Reflow Soldering
Peak Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Time at Peak Temperature . . . . . . . . . . . . . 10 sec to 40 sec
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Model
Function
Output Voltage Span
Package Option
AD5516ABC-1
16 DACs
±2.5 V
74-Lead CSPBGA
AD5516ABC-2
16 DACs
±5 V
74-Lead CSPBGA
AD5516ABC-3
16 DACs
±10 V
74-Lead CSPBGA
EVAL-AD5516-1EB
Evaluation Board
EVAL-AD5516-2EB
Evaluation Board
EVAL-AD5516-3EB
Evaluation Board


Similar Part No. - AD5516_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516-1 AD-AD5516-1 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
More results

Similar Description - AD5516_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
AD5516 AD-AD5516 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com