Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44066R7 Datasheet(PDF) 5 Page - TDK Electronics

Part # B44066R7
Description  Film Capacitors ??Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066R7 Datasheet(HTML) 5 Page - TDK Electronics

  B44066R7 Datasheet HTML 1Page - TDK Electronics B44066R7 Datasheet HTML 2Page - TDK Electronics B44066R7 Datasheet HTML 3Page - TDK Electronics B44066R7 Datasheet HTML 4Page - TDK Electronics B44066R7 Datasheet HTML 5Page - TDK Electronics B44066R7 Datasheet HTML 6Page - TDK Electronics B44066R7 Datasheet HTML 7Page - TDK Electronics B44066R7 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Film Capacitors – Power Factor Correction
B44066R7xxxE230
Power Factor Controller
BR7000
FILM P PM LMP
March 2012
Please read Cautions and warnings and
Page 5 of 8
Important notes at the end of this document.
Technical data
Operating voltage
110 ... 230 V AC ±15%, 50/60 Hz
Measuring voltage (3-phase)
3 · 30 … 440 V AC (L-N), 50/60 Hz
Measuring current (3-phase)
3 · X: 5A / X:1A selectable
Power consumption
< 3 VA (with 15 relays activated)
Sensibility
50 mA / 10 mA
Switching outputs
Relay outputs for capacitor branches
15 relays, freely programmable for switching of 1- or
3-phase capacitors
Alarm relay
1
Message relay programmable
1
Relay for panel fan
1
Switching power of relays
250 V AC, 1000 W
Number of active outputs
programmable
Operation and display
BR7000
BR7000-HD
illuminated full graphic display 128 × 64 dots
OLED character display, yellow
Menu languages
D / E / ES / F / RU / TR
Number of control series
20
Freely editable control series
1 via Editor
Controlling
reach controlling of each phase (L-N ) and ( L-L)
Modes of operation
1- phase: up to 3 · 5 single phase capacitors
3- phase: up to 15 three-phase capacitors
mixed Mode: for balancing and compensation
Control principle
series switching, circular switching,
self-optimized intelligent switching mode
4-quadrant operation
Automatic initialization
possible
Measuring of current inside the capacitor
possible
Target cos φ
0.3 ind ... 0.3 cap adjustable
2nd target cos φ (result driven)
0.3 ind ... 0.3 cap adjustable
Switch on time
selectable from 1 sec to 20 min
Switch off time
selectable from 1 sec to 20 min
Discharge time
selectable from 1 sec to 20 min
Internal clock/several timers
yes
Manual operation
yes
Fixed steps /skip steps
programmable
Zero voltage release
standard


Similar Part No. - B44066R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B44066R7012E230 TDK-B44066R7012E230 Datasheet
407Kb / 6P
   Film Capacitors ??Power Factor Correction
B44066R7112E230 TDK-B44066R7112E230 Datasheet
407Kb / 6P
   Film Capacitors ??Power Factor Correction
B44066R7412E230 TDK-B44066R7412E230 Datasheet
385Kb / 6P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B44066R7415E230 EPCOS-B44066R7415E230 Datasheet
390Kb / 7P
   Film capacitors - Power Factor Correction
logo
TDK Electronics
B44066R7612E230 TDK-B44066R7612E230 Datasheet
385Kb / 6P
   Film Capacitors ??Power Factor Correction
More results

Similar Description - B44066R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com