Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLP5-350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLP5-350
Description  Dual-Lens Geometry
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLP5-350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLP5-350 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bivar.com
14
cage code (FSCM) 32559 © copyright 2004 Bivar Inc.
rigid
light
pipes
Panel Light Pipes
• Dual-Lens Geometry
• Improved Lighting Intensity
• PLP5 Series Panel Light Pipes Press Fit into Panel
• Available in Lengths from 0.125"-1.50"in increments of 0.125"
• No Additional Hardware or Special Tools Required for Installation
PLP5-XXX
PLP5-2-XXX
Part No.
PLP5 Series
PLP5-2 Series
X=Length
Price Code
PLP5-125
PLP5-2-125
.125 (3.2)
E
PLP5-250
PLP5-2-250
.250 (6.4)
E
PLP5-350
PLP5-2-350
.350 (8.9)
E
PLP5-375
PLP5-2-375
.375 (9.5)
E
PLP5-500
PLP5-2-500
.500 (12.7)
E
PLP5-625
PLP5-2-625
.625 (15.9)
E
PLP5-750
PLP5-2-750
.750 (19.0)
E
PLP5-1000
PLP5-2-1000
1.000 (25.4)
E
PLP5-1250
PLP5-2-1250
1.250 (31.8)
E
PLP5-1500
PLP5-2-1500
1.500 (38.1)
E
Note:
Standard, leave blank for clear, Price Code: E
Dyed Color, Price Code: L
RED:
RD
GREEN:
GN
BLUE:
BE
YELLOW:
YW
Panel Light Pipes, Rear Mount,
Standard Color: Clear
Color: See Chart
Panel Light Pipes, Front Mount,
Low Profile, Round Face
Standard Color: Clear
Color: See Chart


Similar Part No. - PLP5-350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLP5-350 ETC2-PLP5-350 Datasheet
398Kb / 1P
   rigid light pipes
More results

Similar Description - PLP5-350

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4999 NJSEMI-2N4999 Datasheet
151Kb / 1P
   DISCRETE EMITTER GEOMETRY
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com