Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC945 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC945
Description  Audio Frequency Amplifier High Frequency OSC.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC945 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC945 Datasheet HTML 1Page - Fairchild Semiconductor KSC945 Datasheet HTML 2Page - Fairchild Semiconductor KSC945 Datasheet HTML 3Page - Fairchild Semiconductor KSC945 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
150
mA
PC
Collector Power Dissipation
250
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
60
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
50
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=3V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=6V, IC=1.0mA
40
700
VCE (sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB=10mA
0.15
0.3
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=10mA
300
MHz
Cob
Output Capacitance
VCB=6V, IE=0, f=1MHz
2.5
pF
NF
Noise Figure
VCE=6V, IC=0.5mA
f=1KHz, RS=500Ω
4.0
dB
Classification
R
O
Y
G
L
hFE
40 ~ 80
70 ~ 140
120 ~ 240
200 ~ 400
350 ~ 700
KSC945
Audio Frequency Amplifier & High
Frequency OSC.
• Complement to KSA733
• Collector-Base Voltage : VCBO=60V
• High Current Gain Bandwidth Product : fT=300MHz (TYP)
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSC945

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC945 SAMSUNG-KSC945 Datasheet
79Kb / 2P
   NPN (AUDIO, HIGH FREQUENCY AMPLIFIER, OSC.)
logo
Fairchild Semiconductor
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
Unisonic Technologies
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
   AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
KSC945 FAIRCHILD-KSC945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC
More results

Similar Description - KSC945

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
logo
Fairchild Semiconductor
KSC945CYTA FAIRCHILD-KSC945CYTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC2785YTA FAIRCHILD-KSC2785YTA Datasheet
43Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945CLTA FAIRCHILD-KSC945CLTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com