Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5424 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5424_15 Datasheet HTML 5Page - Analog Devices AD5424_15 Datasheet HTML 6Page - Analog Devices AD5424_15 Datasheet HTML 7Page - Analog Devices AD5424_15 Datasheet HTML 8Page - Analog Devices AD5424_15 Datasheet HTML 9Page - Analog Devices AD5424_15 Datasheet HTML 10Page - Analog Devices AD5424_15 Datasheet HTML 11Page - Analog Devices AD5424_15 Datasheet HTML 12Page - Analog Devices AD5424_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD5424/AD5433/AD5445
Data Sheet
Rev. D | Page 8 of 28
9
12
DB4
DB1
10
11
DB3
DB2
1
2
3
4
5
6
7
8
20
13
14
15
16
17
18
19
AD5433
(Not to Scale)
IOUT1
IOUT2
GND
DB9
DB8
DB7
DB6
DB5
RFB
VREF
VDD
R/W
CS
NC
NC
DB0 (LSB)
NC = NO CONNECT
Figure 5. AD5433 Pin Configuration (TSSOP)
14
13
12
1
3
4
CS
15 R/W
NC
NC
11 DB0
GND
DB8
2
DB9
DB7
5
DB6
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
AD5433
TOP VIEW
(Not to Scale)
Figure 6. AD5433 Pin Configuration (LFCSP)
Table 5. AD5433 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground.
4 to 13
2 to 11
DB9 to DB0
Parallel Data Bits 9 to 0.
14, 15
12, 13
NC
Not Internally Connected.
16
14
CS
Chip Select Input. Active low. Use in conjunction with R/W to load parallel data to the input
latch or to read data from the DAC register. Rising edge of CS loads data.
17
15
R/W
Read/Write. When low, used in conjunction with CS to load parallel data. When high, use with CS
to read back contents of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier
output.
Not applicable
EPAD
Exposed Pad. The exposed pad must be connected to AGND.


Similar Part No. - AD5424_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5424 AD-AD5424_1 Datasheet
866Kb / 32P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. B
AD5424 AD-AD5424_16 Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

Similar Description - AD5424_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5424 AD-AD5424_1 Datasheet
866Kb / 32P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. B
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com