Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN87C196 Datasheet(PDF) 5 Page - Intel Corporation

Part No. AN87C196
Description  CHMOS 16-BIT MICROCONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 5 page
background image
5
AUTOMOTIVE
®
PRODUCT PREVIEW
Table 2. 87C196LB 52-pin Package Pin Assignments
Pin
Name
Pin
Name
Pin
Name
1V
SS
1 (port)
19
AD3 / P3.3 / PBUS.3
37
P0.6 / ACH6 / PMODE.2
2
P5.0 / ADV# / ALE
20
AD2 / P3.2 / PBUS.2
38
P0.7 / ACH7 / PMODE.3
3V
SS (core)
21
AD1 / P3.1 / PBUS.1
39
ANGND
4V
PP
22
AD0 / P3.0 / PBUS.0
40
V
REF
5
P5.3 / RD#
23
RESET#
41
P1.3 / EPA3
6
P5.2 / PLLEN / WR# / WRL#
24
EA#
42
P1.2 / EPA2 / T2DIR
7
AD15 / P4.7 / PBUS.15
25
V
SS
1 (port)
43
P1.1 / EPA1
8
AD14 / P4.6 / PBUS.14
26
V
CC
44
P1.0 / EPA0 / T2CLK
9
AD13 / P4.5 / PBUS.13
27
P2.0 / TXD / PVER
45
P6.0 / EPA8 / COMP0
10
AD12 / P4.4 / PBUS.12
28
P2.1 / RXD / PALE#
46
P6.1 / EPA9 / COMP1
11
AD11 / P4.3 / PBUS.11
29
P2.2 / EXTINT / PROG#
47
P6.4 / SC0
12
AD10 / P4.2 / PBUS.10
30
P2.4 / RXJ1850 / AINC#
48
P6.5 / SD0
13
AD9 / P4.1 / PBUS.9
31
P2.6 / TXJ1850 / CPVER
49
P6.6 / SC1
14
AD8 / P4.0 / PBUS.8
32
P2.7 / CLKOUT / PACT#
50
P6.7 / SD1
15
AD7 / P3.7 / PBUS.7
33
P0.2 / ACH2
51
XTAL2
16
AD6 / P3.6 / PBUS.6
34
P0.3 / ACH3
52
XTAL1
17
AD5 / P3.5 / PBUS.5
35
P0.4 / ACH4 / PMODE.0
18
AD4 / P3.4 / PBUS.4
36
P0.5 / ACH5 / PMODE.1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KTADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
80296SA80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl