Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN87C196 Datasheet(PDF) 3 Page - Intel Corporation

Part No. AN87C196
Description  CHMOS 16-BIT MICROCONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEL [Intel Corporation]
Homepage  http://www.intel.com
Logo 

 
 3 page
background image
3
AUTOMOTIVE
®
PRODUCT PREVIEW
1.0
NOMENCLATURE OVERVIEW
Figure 2. Product Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in Options
A
Automotive operating temperature range (–40° C to
125° C ambient) with Intel standard burn-in.
Packaging Options
N
PLCC
Program-memory Options
7
OTPROM
Process Information
C
CHMOS
Product Family
196L
x
8XC196L
x family of products
Device Speed
no mark
20
16 MHz
20 MHz
XXXXX
XX
X
X
8
XX
X
A2815-02




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
80C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
M80C196KB16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196EACHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
83C196LCCHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196CAADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 1 2 3 4 5 MoreIntel Corporation
87C196KC16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KD16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KRADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
87C196KTADVANCED 16-BIT CHMOS MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation
80296SA80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl